Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9026 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 14Page - STMicroelectronics L9026 Datasheet HTML 15Page - STMicroelectronics L9026 Datasheet HTML 16Page - STMicroelectronics L9026 Datasheet HTML 17Page - STMicroelectronics L9026 Datasheet HTML 18Page - STMicroelectronics L9026 Datasheet HTML 19Page - STMicroelectronics L9026 Datasheet HTML 20Page - STMicroelectronics L9026 Datasheet HTML 21Page - STMicroelectronics L9026 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
6.12
Reset
One of the following 4 conditions reset the SPI read/write registers to the default value:
•
VDDIO not present or below the undervoltage threshold VDDIO(UV)
•
IDLE pin is set to “low” with both INn “low"
•
A software reset (CFG_1.RST set to “1”) is commanded
•
NRES pin is asserted (only available in VFQFPN32 package option and configured to sense the pin status)
When the SPI registers are reset, all channels (except 2,3) are switched OFF and the Input Mapping configuration
is also reset. This means channels 2, 3 are still commanded by IN0, IN1 respectively.
For functional safety register DIAG_OVC_OVT and STA_1. VDDIO_UV, STA_1.VBATT_UV bits are not cleared
by a reset command.
One of the following conditions resets the whole internal logic;
•
General internal supply failure (internal supply 3.3 V in UV or bandgap reference not correct)
•
VDDIO < VDDIO(UV) and IN1 = 0 and IN0 = 0
6.13
Power supply electrical specifications
3V ≤ VDDIO ≤ 5.5 V; 6 V ≤ VBATT ≤ 18 V; -40 °C ≤ Tj ≤ 150 °C unless otherwise specified. All voltages are
referred to GND pin.
Table 10. Power supply electrical parameters
Parameter
Description
Test condition
Min Typ
Max
Unit
VBATT pin
VBATT(UV_L)
Analog supply
undervoltage low
threshold
-
2.65 2.8
3
V
VBATT(UV_H)
Analog supply
undervoltage high
threshold
-
2.7 2.85
3.1
V
IVBATT(SLEEP)
Analog supply current
consumption in Sleep
mode
VIDLE = 0: VINn = 0; VDDIO = 5 V; TJ ≤ 85 °C
-
-
12
µA
IVBATT(SLEEP)
Analog supply current
consumption in Sleep
mode
VIDLE = 0; VINn = 0; VDDIO = 5 V; TJ ≤ 175 °C
-
-
14
µA
IVBATT(IDLE)
Analog supply current
consumption in Idle
mode
VIDLE = 5 V; VINn = 0; VDDIO = 5 V; fCLK = 0
MHz; CFG_1.ACT = 0B; PWM_SPI.OUTn = 0B;
DIAG_OFF_EN.OUTn = 0B
-
-
20
mA
IVBATT(IDLE_COR)
Analog supply current
consumption in Idle
Mode with VBATT lower
than VDDIO (device
supplied by VDDIO)
VIDLE = 5 V; VINn = 0; VDDIO = 5 V; fCLK = 0
MHz; CFG_1.ACT = 0B; PWM_SPI.OUTn = 0B;
DIAG_OFF_EN.OUTn = 0B; VBATT = VDDIO -
1 V
–0.1
-
0.1
mA
IVBATT(ACTIVE)
Analog supply current
consumption in Active
mode - channels OFF
VIDLE = 5 V; VINn = 0; VDDIO = 5 V; fCLK = 0
MHz; CFG_1.ACT = 1B; PWM_SPI.OUTn = 0B;
DIAG_OFF_EN.OUTn = 0B
-
14
20
mA
IVBATT(ACTIVE_COR)
Analog supply current
consumption in Active
mode - channels OFF
with VBATT lower than
VDDIO (device supplied
by VDDIO)
VIDLE = 5 V; VINn = 0; VDDIO = 5 V; fCLK = 0
MHz; CFG_1.ACT = 1B; PWM_SPI.OUTn = 0B;
DIAG_OFF_EN.OUTn = 0B; VBATT = VDDIO -
1 V
0
-
0.6
mA
tVBATTUVFLT
VBATT undervoltage
filter
Covered bySCAN
9
14
19
µs
L9026
Reset
DS13397 - Rev 5
page 18/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com