Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9026 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 29Page - STMicroelectronics L9026 Datasheet HTML 30Page - STMicroelectronics L9026 Datasheet HTML 31Page - STMicroelectronics L9026 Datasheet HTML 32Page - STMicroelectronics L9026 Datasheet HTML 33Page - STMicroelectronics L9026 Datasheet HTML 34Page - STMicroelectronics L9026 Datasheet HTML 35Page - STMicroelectronics L9026 Datasheet HTML 36Page - STMicroelectronics L9026 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
The OPL ON diagnosis can be performed only if the DIAG_OVC_OVT.OUTn flag is not asserted and can be run
only on a single channel for each diagnostic cycle: an eventual diagnostic cycle performing OPL ON on multiple
channels will not be executed and SPI command will have no effect.
Once the current diagnostic cycle is over, a new cycle can be started with OPL ON diagnosis requested for a
different channel.
Figure 16. Open load at ON circuit
9.3.2
Open load at ON bit
In the DIAG_OPL_ON register there are 8 bits that can assume the following values:
•
“0” = no Open Load at ON state detected, or the channel is OFF when the diagnosis is performed
•
“1” = Open Load at ON state detected
This register is clear on read. An SPI read is necessary to clear the faulty information.
Once the DIAG_OPL_ON flag is set, it remains asserted until a new diagnostic cycle is completed when the fault
is no longer present, and the diagnostic register is read through SPI.
L9026
Open load at ON
DS13397 - Rev 5
page 33/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com