Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9026 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 15Page - STMicroelectronics L9026 Datasheet HTML 16Page - STMicroelectronics L9026 Datasheet HTML 17Page - STMicroelectronics L9026 Datasheet HTML 18Page - STMicroelectronics L9026 Datasheet HTML 19Page - STMicroelectronics L9026 Datasheet HTML 20Page - STMicroelectronics L9026 Datasheet HTML 21Page - STMicroelectronics L9026 Datasheet HTML 22Page - STMicroelectronics L9026 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
Parameter
Description
Test condition
Min Typ
Max
Unit
VDDIO pin
VDDIO(OP)
Logic Supply Operating
range voltage
fCLK = 8 MHz
3
-
5.5
V
VDDIO(UV_RECOVERY)
Analog supply threshold
for recovery after battery
undervoltage
MISO from “low” to high impedance
2.7 2.85
3
V
VDDIO(UV)
Undervoltage shutdown
MISO from “low” to high impedance
2.65 2.8
2.95
V
IVDDIO(SLEEP)
Logic supply current in
Sleepmode
VIDLE = 0; VINn = 0; VDDIO = 5 VTJ ≤ 85 °C
-
-
1
µA
IVDDIO(SLEEP)
Logic supply current in
Sleep mode
VIDLE = 0V; VINn = 0 V; VDDIO = 5 VTJ ≤ 150
°C
-
-
2
µA
IVDDIO(IDLE)
Logic supply current in
Idle Mode
VIDLE = 5 V; VINn = 0 V; VDDIO = 5 V; fCLK = 0
MHz; CFG_1.ACT = 0B; PWM_SPI.OUTn = 0B;
DIAG_OFF_EN.OUTn = 0B
-
-
1.2
mA
IVDDIO(IDLE)
Logic supply current in
Idle mode (COR)
VIDLE = 5 V; VINn = 0 V; VDDIO = 5 V; fCLK = 0
MHz; CFG_1.ACT = 0B; PWM_SPI.OUTn = 0B;
DIAG_OFF_EN.OUTn = 0B; VBATT = VDDIO -
1 V
2
-
16
mA
IVDDIO(ACTIVE)
Logic supply current in
Active mode – channels
OFF
VIDLE = 5 V; VINn = 0 V; VDDIO = 5 V; fCLK = 0
MHz; CFG_1.ACT = 1B; PWM_SPI.OUTn = 0B;
DIAG_OFF_EN.OUTn = 0B
-
0.95
1.5
mA
IVDDIO(ACTIVE_COR)
Logic supply current in
Active mode – channels
OFF (COR)
VIDLE = 5 V; VINn = 0 V; VDDIO = 5 V; fCLK = 0
MHz; CFG_1.ACT = 1B; PWM_SPI.OUTn = 0B;
DIAG_OFF_EN.OUTn = 0B; VBATT = VDDIO -
1 V
12
-
20
mA
tVDDIOUVFLT
VDDIO undervoltage
filter
Covered bySCAN
9
14
19
µs
Timings
tIDLEFLT
Idle filter time
-
5
7
10
µs
tSLEEP2IDLE
Sleep to Idle delay
-
-
-
10
µs
tIDLE2SLEEP
Idle to Sleep delay
from IDLE pin to sleep
External pull-down MISO to GND required
-
-
10
µs
tIDLE2ACTIVE
Idle to Active delay
from INn or NCS pins to MODE = 11B
-
-
1
µs
tACTIVE2IDLE
Active to Idle delay
from INn or NCS pins to MODE = 10B
-
-
150
µs
tSLEEP2LH
Sleep to Limp Home
delay
from INn pins to VDS = 10 % VBATT
-
-
10+tON
µs
tLH2SLEEP
Limp Home to Sleep
delay
from INn pins to MODE = 00B
External pull-down MISO to GND required.
-
-
150
µs
tLH2ACTIVE
Limp Home to Active
delay
from IDLE pin to MODE = 11B
-
-
10
µs
tACTIVE2LH
Active to Limp Home
delay
from IDLE pin to MODE = 01B
-
-
10
µs
tACTIVE2SLEEP
Active to Sleep delay
from IDLE pin to MODE = 00B
External pull-down MISO to GND required.
-
-
150
µs
L9026
Power supply electrical specifications
DS13397 - Rev 5
page 19/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com