Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9026 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 10Page - STMicroelectronics L9026 Datasheet HTML 11Page - STMicroelectronics L9026 Datasheet HTML 12Page - STMicroelectronics L9026 Datasheet HTML 13Page - STMicroelectronics L9026 Datasheet HTML 14Page - STMicroelectronics L9026 Datasheet HTML 15Page - STMicroelectronics L9026 Datasheet HTML 16Page - STMicroelectronics L9026 Datasheet HTML 17Page - STMicroelectronics L9026 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
6.3
Operating modes
The L9026 has 4 operative modes as per below:
•
Sleep mode
•
Idle mode
•
Active mode
•
Limp Home mode
The transition between operation modes is determined according to the following levels and states:
•
logic level at IDLE pin
•
logic level at INn pins
•
PWM_SPI.OUTn bits state
•
CFG_1.ACT bit state
•
MAP_PWM.OUTn and PWM_SEL.OUTn bits state
The Figure 6 represents the possible transitions in the state diagram. The description is valid if the digital POR
signal is de-asserted (indicated as POR_N in the register map). In case of POR = 0 transitions from Active to idle
and from Limp Home to Sleep do not guarantee switch off behavior with functional timings. A POR condition is
traced in a clear on read register in the STA_1.POR bit. The behavior of the device as well as some parameters
may change depending on the operating mode of the device. Furthermore, due to the under voltage detection
circuitry which monitors VBATT and VDDIO supply voltages, some changes within the same operation mode can
be seen accordingly.
In case of VBATT < VBATT(UV_L) and IDLE = IN0 = IN1 = high device doesn't go from IDLE state to ACTIVE
state.
Starting from Active state in the condition IDLE = ’0’ and INn = ’0’ (that corresponds to the transition Active to
Sleep) to guarantee drivers turn OFF it is necessary also a SW reset.
There are different options to observe the operation mode of the device:
•
status of output channels
•
status of SPI registers
•
current consumption at VBATT pin (IVBATT)
Figure 6. State ddiagram
L9026
Operating modes
DS13397 - Rev 5
page 14/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com