Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9026 Datasheet(PDF) 39 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 35Page - STMicroelectronics L9026 Datasheet HTML 36Page - STMicroelectronics L9026 Datasheet HTML 37Page - STMicroelectronics L9026 Datasheet HTML 38Page - STMicroelectronics L9026 Datasheet HTML 39Page - STMicroelectronics L9026 Datasheet HTML 40Page - STMicroelectronics L9026 Datasheet HTML 41Page - STMicroelectronics L9026 Datasheet HTML 42Page - STMicroelectronics L9026 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
Parameter
Description
Test condition
Min
Typ
Max
Unit
Input pull up resistor at NCS pin
RNCS
L-input pull-up resistor at NCS pin
VNCS = 0.8 V
40
58
95
KΩ
Input pull down resistor at pin
RCLK
Input pull-down resistor on CLK
VCLK = 2 V
50
-
140
KΩ
RSI
Input pull-down resistor on SI
VSI = 2 V
50
-
140
KΩ
Output characteristics
VSO(L)
L level output voltage
ISO = -1.5 mA
0
-
0.4
V
VSO(H)
H level output voltage
ISO = 1.5 mA
VDDIO -0.4
-
VDDIO
V
ISO(OFF)
Output tristate leakage current
VNCS = VDDIO
VBATT = 0 V
-1
-
1
μA
ISO(OFF)
Output tristate leakage current
VNCS =VDDIO
VBATT = VDDIO
-1
-
1
μA
Timings
tCSN(lead)
Enable lead time (falling NCS to
rising CLK)
VDDIO = 4.5 V or
VBATT > 7 V
200
-
-
ns
tCSN(lag)
Enable lag time (falling CLK to
rising NCS)
VDDIO = 4.5 V or VBATT > 7 V
200
-
-
ns
tCSN(td)
Transfer delay time (rising NCS to
falling NCS)
VDDIO = 4.5 V or VBATT > 7 V
650
-
-
ns
tSO(en)
Output enable time (falling NCS to
SO valid)
VDDIO = 4.5 V or VBATT > 7 V; CL = 20
pF at MISO pin
-
-
200
ns
tSO(dis)
Output disable time (rising NCS to
SO tristate)
VDDIO = 4.5 V or VBATT > 7 V; CL = 20
pF at MISO pin
-
-
200
ns
fCLK
Serial clock frequency
VDDIO = 4.5 V or VBATT > 7 V
-
-
8
MHz
tCLK(H)
Serial clock “high” time
VDDIO = 4.5 V or VBATT > 7 V
45
-
-
ns
tCLK(L)
Serial clock “low” time
VDDIO = 4.5 V or VBATT > 7 V
45
-
-
ns
tSI(su)
Data setup time (required time
MOSI to falling CLK)
VDDIO = 4.5 V or VBATT > 7 V
30
-
-
ns
tSI(h)
Data hold time (falling CLK to SI)
VDDIO = 4.5 V or VBATT > 7 V
30
-
-
ns
L9026
SPI electrical specifications
DS13397 - Rev 5
page 39/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com