Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9026 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 4Page - STMicroelectronics L9026 Datasheet HTML 5Page - STMicroelectronics L9026 Datasheet HTML 6Page - STMicroelectronics L9026 Datasheet HTML 7Page - STMicroelectronics L9026 Datasheet HTML 8Page - STMicroelectronics L9026 Datasheet HTML 9Page - STMicroelectronics L9026 Datasheet HTML 10Page - STMicroelectronics L9026 Datasheet HTML 11Page - STMicroelectronics L9026 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
Table 3. VFQFPN32 pins list
Pin number QFN32
Symbol
Function
1
DRAIN7
LS/HS Drain 7
2
SOURCE7
LS/HS Source 7
3
DRAIN6
LS/HS Drain 6
4
SOURCE6
LS/HS Source 6
5
DRAIN5
LS/HS Drain 5
6
SOURCE5
LS/HS Source 5
7
NRES
NRES function – available only in VFQFPN32 package
8
DIS
Channel disable – available only in VFQFPN32 package
9
IN1
Parallel command input 1
10
IN0
Parallel command input 0
11
N.C.
-
12
GND
Ground pin
13
IDLE
Idle function
14
VDDIO
IO supply
15
SO
SPI output stream
16
CLK
SPI clock
17
NCS
SPI Chip Select
18
SI
SPI input stream
19
DRAIN4
LS/HS Drain 4
20
SOURCE4
LS/HS Source 4
21
DRAIN3
LS/HS Drain 3
22
SOURCE3
LS/HS Source 3
23
DRAIN2
LS/HS Drain 2
24
SOURCE2
LS/HS Source 2
25
N.C.
-
26
N.C.
-
27
SOURCE1
HS Source 1
28
DRAIN1
HS Drain 1
29
VBATT
Battery voltage
30
DRAIN0
HS Drain 0
31
SOURCE0
HS Source 0
32
N.C.
-
Note:
•
In case of VFQFPN32 package, CFG_0.DIS_EN and bit CFG_0.NRES_N needs to be set through SPI.
•
In case of HTSSOP24 package, NRES and DIS pins are not available; CFG_0.DIS_EN and bit
CFG_0.NRES_N must be considered as reserved, kept at ‘0’.
•
For both package options the exposed pad must be left floating to guarantee the reverse battery protection
feature.
L9026
Pins description
DS13397 - Rev 5
page 8/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com