Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9026 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 12Page - STMicroelectronics L9026 Datasheet HTML 13Page - STMicroelectronics L9026 Datasheet HTML 14Page - STMicroelectronics L9026 Datasheet HTML 15Page - STMicroelectronics L9026 Datasheet HTML 16Page - STMicroelectronics L9026 Datasheet HTML 17Page - STMicroelectronics L9026 Datasheet HTML 18Page - STMicroelectronics L9026 Datasheet HTML 19Page - STMicroelectronics L9026 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
6.8
Idle mode
In Idle mode, the current consumption of the device reaches the parameters IVDDIO(IDLE) and IVBATT(IDLE).
The internal voltage regulator is still working. ON diagnosis functions are not available. The output channels are
switched OFF, independently of the supply voltages. When VDDIO is available, the SPI registers are working and
SPI communication is possible. In Idle mode the DIAG_OVC_OVT bits are not cleared.
6.9
Active mode
Active mode is the normal operation mode when no Limp Home condition is set and it is necessary to
drive some or all loads. Voltage levels of VDDIO and VBATT influence the behavior as described in detail in
Section 6.1 Overview. Device current consumption is specified with IVDDIO(ACTIVE) and IVBATT(ACTIVE).
In case CFG_1.ACT is set to “1”, the device enters in Active mode and remains in this state independently on the
status of input pins, of internal PWM generators and PWM_SPI.OUTn bits.
Otherwise, in case the bit CFG_1.ACT is not set, in order to move the device in Active mode all conditions below
are needed:
•
the IDLE pin set to “high”
•
the outputs configured as driven either by external pins (through MAPIN0, MAPIN1 registers) or by SPI (at
least one PWM_SPI.OUTn bit is set to “1”) or by the internal PWM generators (through MAP_PWM)
•
at least one channel enabled
In this scenario, the device returns to Idle mode as soon as IDLE pin set to “low”, all inputs pins are set to “low”,
all PWM_SPI.OUTn bits are set to “0” and all the internal pwm generators are OFF.
Being the IDLE pin asserted high, an under voltage condition on VDDIO supply brings the device into Idle mode
once all INn input pins are set to “low”, on top of the setting of the bit CFG_1.ACT.
L9026
Idle mode
DS13397 - Rev 5
page 16/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com