Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9026 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 24Page - STMicroelectronics L9026 Datasheet HTML 25Page - STMicroelectronics L9026 Datasheet HTML 26Page - STMicroelectronics L9026 Datasheet HTML 27Page - STMicroelectronics L9026 Datasheet HTML 28Page - STMicroelectronics L9026 Datasheet HTML 29Page - STMicroelectronics L9026 Datasheet HTML 30Page - STMicroelectronics L9026 Datasheet HTML 31Page - STMicroelectronics L9026 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
8
Protection functions
8.1
Overload protection
Device is protected in case of over load or short circuit of the load. This protection is present for each HS and LS
driver. There are two over load current thresholds (see Figure 13):
•
IL(OVL0) between channel switch ON and tOVLINDS1
•
IL(OVL1) after tOVLIN
Figure 13. Overload thresholds
Every time the channel is switched OFF the over load current threshold is set back to IL(OVL0).
In case the load current is higher than IL(OVL0) or IL(OVL1), after time tOFF(OVL) the over loaded channel is switched
OFF and the corresponding diagnosis bit DIAG_OVC_OVT.OUTn is set to “1”. The channel can be switched ON
after clearing the protection latch by setting the corresponding DIAG_OVC_OVT_RLW.OUTn bit to “1”. This bit is
set back to “0” internally after de-latching the channel. Please refer to Figure 14 for details.
Figure 14. Latch off in overload condition
L9026
Protection functions
DS13397 - Rev 5
page 28/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com