Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9026 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 11Page - STMicroelectronics L9026 Datasheet HTML 12Page - STMicroelectronics L9026 Datasheet HTML 13Page - STMicroelectronics L9026 Datasheet HTML 14Page - STMicroelectronics L9026 Datasheet HTML 15Page - STMicroelectronics L9026 Datasheet HTML 16Page - STMicroelectronics L9026 Datasheet HTML 17Page - STMicroelectronics L9026 Datasheet HTML 18Page - STMicroelectronics L9026 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
The default operation mode to switch ON the loads is Active mode. If the device is not in Active mode and a
request to switch ON one or more outputs occurs (via SPI or via Input pins), it will switch into Active or Limp
Home mode, according to IDLE pin status. Due to the time needed for such transitions, output turn-on time tON
will be extended due to the mode transition latency.
Table 9 shows the correlation between device operation modes, VBATT and VDDIO supply voltages, and state of
device functions (channels operability, SPI communication and SPI registers).
Table 9. Functions availability in different supply conditions
Operating mode
Function
Under voltage condition on VBATT
VBATT not in under voltage
VDDIO ≤ VDDIOUV VDDIO > VDDIOUV
VDDIO ≤ VDDIOUV
VDDIO > VDDIOUV
Sleep
Channels
not available
not available
not available
not available
SPI comm.
not available
not available
not available
not available
SPI registers
reset
reset
reset
reset
Idle
Channels
not available
not available
not available
not available
SPI comm.
not available
available
not available
available
SPI registers
reset
available
reset
available
Active
Channels
not available
not available
available (IN pins only)
available
SPI comm.
not available
available
not available
available
SPI registers
reset
available
reset
available
Limp Home
Channels
not available
not available
available (IN pins only) available (IN pins only)
SPI comm.
not available
available (read-only)
not available
available (read-only)
SPI registers
reset
available (read-only)
reset
available (read-only)
6.4
Analog & Digital supply (VBATT)
The VBATT is used to supply the internal logic, analog and digital, in normal condition (no under voltage on
VBATT) and the output loads.
In case the voltage drops below VBATT(UV_L) the under voltage mechanism is triggered and the bit
STA_1.VS_UV is reported via SPI. Once the faulty condition disappears (VBATT > VBATT(UV_H)), the bit remains
latched until its status is acknowledged by the microcontroller via SPI.
Under voltage condition on VBATT influences the status of the channels as described in Table 7.
6.5
I/O Supply (VDDIO)
VDDIO is the supply for all pins that interface with the external microcontroller and also works as feed for the
internal logic if VBATT is in under voltage condition.
In case the voltage drops below VDDIO(UV) the under voltage mechanism is triggered and the bit STA_1.
VDD_UV is reported via SPI. This is valid if digital POR_N is ‘1’. For all conditions that generate a POR_N=0, a
dedicated clear on read STA_1.POR_N bit is set. Once the faulty condition disappears, the bit remains latched
until its status is acknowledged by the microcontroller via SPI.
6.6
Power up
The IC performs Power-up procedure when one of the supply voltages (VBATT or VDDIO) is applied to the device
and the INn or IDLE pins are set to “high”.
6.7
Sleep mode
When device is in Sleep mode, all outputs are OFF and the SPI registers are reset, independently of the supply
voltages. The current consumption is reduced to the IVDDIO(SLEEP) and IVBATT(SLEEP).
L9026
Analog & Digital supply (VBATT)
DS13397 - Rev 5
page 15/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com