Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9026 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 6Page - STMicroelectronics L9026 Datasheet HTML 7Page - STMicroelectronics L9026 Datasheet HTML 8Page - STMicroelectronics L9026 Datasheet HTML 9Page - STMicroelectronics L9026 Datasheet HTML 10Page - STMicroelectronics L9026 Datasheet HTML 11Page - STMicroelectronics L9026 Datasheet HTML 12Page - STMicroelectronics L9026 Datasheet HTML 13Page - STMicroelectronics L9026 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
4.3
Temperature range
Table 5. Temperature range
Symbol
Description
Test condition
Min Typ Max Unit
Ta
Operating ambient temperature
-
-40
-
125
°C
Tj
Junction temperature
-
-40
-
150
°C
Tstg
Storage temperature
-
-55
-
150
°C
RTHj-a
Thermal resistance junction to
ambient
- Package: HTSSOP - 2s2p (4L) board(1) - Natural
convection
-
38
-
°C/W
RTHj-c Thermalr esistance junction to case
-
1
-
RTHj-b
Thermal resistance junction to
board
-
20
-
RTHj-a
Thermal resistance junction to
ambient
- Package: VFQFPN - 2s2p (4L) board(1) - Natural
convection
-
36
-
°C/W
RTHj-c Thermal resistance junction to case
-
4
-
RTHj-b
Thermal resistance junction to
board
-
18
-
1. JESD51-7
All parameters are guaranteed, and tested, in the temperature range Tj -40 ÷ 150 °C (unless otherwise specified).
L9026
Temperature range
DS13397 - Rev 5
page 10/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com