Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9026 Datasheet(PDF) 30 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 26Page - STMicroelectronics L9026 Datasheet HTML 27Page - STMicroelectronics L9026 Datasheet HTML 28Page - STMicroelectronics L9026 Datasheet HTML 29Page - STMicroelectronics L9026 Datasheet HTML 30Page - STMicroelectronics L9026 Datasheet HTML 31Page - STMicroelectronics L9026 Datasheet HTML 32Page - STMicroelectronics L9026 Datasheet HTML 33Page - STMicroelectronics L9026 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
Symbol
Description
Test condition
Min
Typ
Max
Unit
(Channels used as High-Side)
IL(OVL1_HS)
Over Load detection current
(Channels used as High-Side)
TJ = 150 °C
0.7
-
1.2
A
tOVLIN
Over Load threshold switch delay time
Covered by SCAN
110
170
260
µs
tOFF(OVL)
Over Load shut-down delay time
BIM.OUTn = 0B
4
7
11
µs
TJ(SC)
Thermal shut-down temperature
-
182
192
202
°C
tRETRY
Restart time in Limp Home mode
Covered by SCAN
29
41
52
ms
tOVC
Restart time in Limp Home mode
Covered by SCAN
-
-
50
µs
L9026
Electrical characteristics
DS13397 - Rev 5
page 30/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com