Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9026 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 13Page - STMicroelectronics L9026 Datasheet HTML 14Page - STMicroelectronics L9026 Datasheet HTML 15Page - STMicroelectronics L9026 Datasheet HTML 16Page - STMicroelectronics L9026 Datasheet HTML 17Page - STMicroelectronics L9026 Datasheet HTML 18Page - STMicroelectronics L9026 Datasheet HTML 19Page - STMicroelectronics L9026 Datasheet HTML 20Page - STMicroelectronics L9026 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
6.10
Limp Home mode
Device enters Limp Home mode when IDLE pin is “low” and one of the input pins is set to “high”, switching ON
the channel connected to it. SPI communication is possible but in read-only mode (SPI registers can be read but
cannot be written).
More in detail, Limp Home mode has the following effects:
•
IN0 is mapped as channel 2 input command, IN1is mapped as channel 3 input command
•
MODE bits are set to “01B” (Limp Home mode)
•
Overload and Over temperature diagnostics on channel 2 and 3 are available and the related
DIAG_OVC_OVT bits can be read.
Entering Limp Home mode from sleep means that all other registers are set to their default value and cannot be
programmed as long as the device is in Limp Home mode (SPI in in read only mode) so far a special feature
for Channel 2 and 3 is implemented and channels are able of auto-configuring as LS or HS depending on the
configuration of the external load.
Open in ON diagnosis is not performed in Limp Home mode. This is true also if Limp Home mode has been
entered from Active mode and DIAG_OPL_ON_EN.OUTn bits are set to '1'. In this case, the diagnostic cycles will
be performed only when back in ACTIVE mode.
See Table 9 for a detailed overview of supply voltage conditions required to switch ON channels 2 and 3 during
Limp Home. All other channels are kept OFF.
6.11
Power supply transition
The channel turn-ON time is defined by parameter tON when device is in Active mode or in Limp Home mode. In
all other cases, it is necessary to add the transition time required to reach one of the two above mentioned Power
Supply modes, as reported in Figure 7.
Figure 7. Transition times block diagram
L9026
Limp Home mode
DS13397 - Rev 5
page 17/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com