Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9026 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 7Page - STMicroelectronics L9026 Datasheet HTML 8Page - STMicroelectronics L9026 Datasheet HTML 9Page - STMicroelectronics L9026 Datasheet HTML 10Page - STMicroelectronics L9026 Datasheet HTML 11Page - STMicroelectronics L9026 Datasheet HTML 12Page - STMicroelectronics L9026 Datasheet HTML 13Page - STMicroelectronics L9026 Datasheet HTML 14Page - STMicroelectronics L9026 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
5
Input / Output
5.1
Parallel inputs (IN0, IN1)
Device has two input pins available. Each input pin is connected by default to one channel (IN0 to channel 2,
IN1 to channel 3). Input Mapping Registers MAP_IN0 and MAP_IN1 can be programmed to connect different
channels to each input pin. The signals driving the channels are an OR combination between PWM_SPI register
status, PWM Generators (according to PWM Generator Output Mapping status), IN0 and IN1 (according to Input
Mapping registers status). See Section 11 SPI for further details.
The logic level of the input pins can be monitored via the status register STA_0. The Input Status Monitor is
operative also when device is in Limp Home mode. If one of the Input pins is set to “high” and the IDLE pin is set
to “low”, the device switches into Limp Home mode and activates the channel mapped by default to the input pins.
5.2
Idle pin (IDLE)
The IDLE pin is used to bring the device into Sleep mode operation when is set to “low” together with IN0, IN1
input pins being at “low” state. When IDLE pin is set to “low” while one of the input pins is set to “high” the device
enters Limp Home mode.
To ensure a proper mode transition, IDLE pin must be set for at least tIDLEFLT_max (transition from “high” to “low”
or from “low” to “high”).
Setting the IDLE pin to “low”, with both IN0 and IN1 also at “low” value, has the following consequences:
•
Device goes in SLEEP MODE
•
All registers in the SPI are reset to default values
•
VDDIO and VBATT Under voltage detection circuits are disabled to decrease current consumption
•
No SPI communication is allowed: SO pin remains in high impedance state also when NCS pin is active.
5.3
Reset pin (NRES, only in VFQFPN32 package option)
The NRES pin, available only for VFQFPN32 version, is the reset input for the device. The function uses the
inverse logic, if the NRES pin is low, the device is held in an internal reset state, all outputs channels are disabled,
and all registers are reset to their default values. An internal pull down will hold the NRES pin asserted in case of
pin open. As default, the state of NRES pin is masked by the logic. The user must send a specific SPI frame to
force the logic to take into account the state of NRES pin.
5.4
Enable (DIS, only in VFQFPN32 package option)
The DIS pin, available only for VFQFPN32 version, is used to enable / disable the output stages. When DIS pin is
high, all channels are disabled if the pin is not masked. An internal pull up will hold the DIS pin asserted in case of
pin open.
When DIS pin is set low, all channels are enabled based on their configuration settings. As default, the DIS pin is
masked by the logic. The user needs to send a specific SPI frame to force the logic to take into account the state
of DIS pin. The status of DIS pin can be monitored reading the STA_0 register.
The DIS pin can be connected to a general purpose output pin of the microcontroller or to an alternative safety
circuit.
5.5
SPI communications (NCS, CLK, SI & SO)
The NCS, CLK, SI & SO pins provide serial communications between the device and the microcontroller. See
Section 11 SPI for details on SPI features, device register functions and electrical characteristics.
L9026
Input / Output
DS13397 - Rev 5
page 11/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com