Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWM1001 Datasheet(PDF) 6 Page - Qorvo, Inc

Part # DWM1001
Description  6.8 Mbps data rate IEEE 802.15.4-2011 UWB compliant
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

DWM1001 Datasheet(HTML) 6 Page - Qorvo, Inc

Back Button DWM1001 Datasheet HTML 2Page - Qorvo, Inc DWM1001 Datasheet HTML 3Page - Qorvo, Inc DWM1001 Datasheet HTML 4Page - Qorvo, Inc DWM1001 Datasheet HTML 5Page - Qorvo, Inc DWM1001 Datasheet HTML 6Page - Qorvo, Inc DWM1001 Datasheet HTML 7Page - Qorvo, Inc DWM1001 Datasheet HTML 8Page - Qorvo, Inc DWM1001 Datasheet HTML 9Page - Qorvo, Inc DWM1001 Datasheet HTML 10Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
DWM1001 Datasheet
© Decawave Ltd 2017
Subject to change without notice
Version 1.5
Page 6
2 DWM1001 CALIBRATION
Depending on the end-use applications and the system design, DWM1001 settings may need to be tuned. To
help with this tuning several built-in functions such as continuous wave transmission and continuous packet
transmission can be enabled. See the DW1000 User Manual [3] for further details.
2.1.1 Crystal Oscillator Trim
DWM1001 modules are calibrated at production to minimise initial frequency error to reduce carrier frequency
offset between modules and thus improve receiver sensitivity. The calibration carried out at module production
will trim the initial frequency offset to less than 3 ppm, typically.
2.1.2 Transmitter Calibration
The DWM1001C is calibrated in module production, the calibrated values are permanently stored in the DW1000
OTP. This module is calibrated to meet the regulatory power spectral density requirement of less than -
41.3 dBm/MHz.
2.1.3 Antenna Delay Calibration
In order to measure range accurately, precise calculation of timestamps is required. To do this the antenna delay
must be known. The DWM1001 allows this delay to be calibrated and provides the facility to compensate for
delays introduced by PCB, external components, antenna and internal DWM1001 delays.
The DWM1001’s antenna delay was pre-calibrated for the RF configuration used within PANS. The antenna
delay is stored in OTP memory.
To calibrate the antenna delay, range is measured at a known distance using two DWM1001 systems. Antenna
delay is adjusted until the known distance and reported range agree.
Antenna delay calibration must be carried out as a once off measurement for each DWM1001 design
implementation. If required, for greater accuracy, antenna delay calibration should be carried out on a per
DWM1001 module basis, see DW1000 User Manual [3] for full details. Further details can be found in the
Antenna Delay Application Note [8].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com