Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWM1001 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # DWM1001
Description  6.8 Mbps data rate IEEE 802.15.4-2011 UWB compliant
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

DWM1001 Datasheet(HTML) 3 Page - Qorvo, Inc

  DWM1001 Datasheet HTML 1Page - Qorvo, Inc DWM1001 Datasheet HTML 2Page - Qorvo, Inc DWM1001 Datasheet HTML 3Page - Qorvo, Inc DWM1001 Datasheet HTML 4Page - Qorvo, Inc DWM1001 Datasheet HTML 5Page - Qorvo, Inc DWM1001 Datasheet HTML 6Page - Qorvo, Inc DWM1001 Datasheet HTML 7Page - Qorvo, Inc DWM1001 Datasheet HTML 8Page - Qorvo, Inc DWM1001 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
DWM1001 Datasheet
© Decawave Ltd 2017
Subject to change without notice
Version 1.5
Page 3
List of Tables
TABLE 1: DWM1001 PIN FUNCTIONS ........................... 7
TABLE 2: EXPLANATION OF ABBREVIATIONS..................... 9
TABLE 3: INTERNAL NRF52832 PINS USED AND THEIR
FUNCTION
.......................................................... 9
TABLE 4: I2C SLAVE DEVICES ADDRESS I2C ...................... 9
TABLE 5: DWM1001 OPERATING CONDITIONS ............ 10
TABLE 6: DWM1001 DC CHARACTERISTICS................. 10
TABLE 7: DWM1001 RECEIVER AC CHARACTERISTICS ... 10
TABLE 8: DWM1001 TYPICAL RECEIVER SENSITIVITY
CHARACTERISTICS.............................................. 11
TABLE 9: DWM1001 TRANSMITTER AC CHARACTERISTICS
...................................................................... 11
TABLE 10: DWM1001 ABSOLUTE MAXIMUM RATINGS. 12
TABLE 11. ANTENNA RADIATION PATTERNS .................. 15
TABLE 12 : WB003 ANTENNA CHARACTERISTICS............ 16
TABLE 13: GLOSSARY OF TERMS.................................. 28
TABLE 14: DOCUMENT HISTORY.................................. 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com