Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWM1001 Datasheet(PDF) 24 Page - Qorvo, Inc

Part # DWM1001
Description  6.8 Mbps data rate IEEE 802.15.4-2011 UWB compliant
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

DWM1001 Datasheet(HTML) 24 Page - Qorvo, Inc

Back Button DWM1001 Datasheet HTML 20Page - Qorvo, Inc DWM1001 Datasheet HTML 21Page - Qorvo, Inc DWM1001 Datasheet HTML 22Page - Qorvo, Inc DWM1001 Datasheet HTML 23Page - Qorvo, Inc DWM1001 Datasheet HTML 24Page - Qorvo, Inc DWM1001 Datasheet HTML 25Page - Qorvo, Inc DWM1001 Datasheet HTML 26Page - Qorvo, Inc DWM1001 Datasheet HTML 27Page - Qorvo, Inc DWM1001 Datasheet HTML 28Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
DWM1001 Datasheet
© Decawave Ltd 2017
Subject to change without notice
Version 1.5
Page 24
10.1.2 ETSI harmonised standards
The DWM1001C module conforms with the requirements of the following ETSI standards:
RED
reference
Standard No
Title
Edition /
Date
Test
Report
Article 3.1b
EN 301 489-1
Electromagnetic Compatibility (EMC)
standard for radio equipment and
services; Part 1: Common technical
requirements; Harmonised Standard
covering the essential requirements of
article 3.1(b) of Directive 2014/53/EU
2017-02
V2.1.1
408-18
Article 3.1b
(for BLE)
EN 301 489-17
Electromagnetic Compatibility (EMC)
standard for radio equipment and
services;
Part 17: Specific conditions for Broadband
Data Transmission Systems; Harmonised
Standard covering the essential
requirements of article 3.1(b) of Directive
2014/53/EU
2017-02
V3.1.1
408-18
Article 3.1b
(for UWB)
EN 301 489-33
Electromagnetic compatibility (EMC)
standard for radio equipment and
services; Part 33: Specific conditions for
Ultra-WideBand (UWB) communications
devices; Harmonised Standard covering
the essential requirements of article 3.1(b)
of Directive 2014/53/EU
2017-02
V2.1.1
408-18
Article 3.2
(for BLE)
EN 300 328
Wideband transmission systems; Data
transmission equipment operating in the
2.4GHz band; Harmonised Standard for
access to radio spectrum
2016-11
V2.1.1
407-18
Article 3.2 (for
UWB)
EN 302 065-2
Short Range Devices (SRD) using Ultra
Wide Band technology (UWB); Part 2:
Requirements for UWB location tracking;
Harmonised Standard covering the
essential requirements of article 3.2 of the
Directive 2014/53/EU
2016-11
V2.1.1
240-18
Please refer to Decawave’s website for DWM1001C ETSI tests reports:
https://www.decawave.com/product/dwm1001-module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com