Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWM1001 Datasheet(PDF) 15 Page - Qorvo, Inc

Part # DWM1001
Description  6.8 Mbps data rate IEEE 802.15.4-2011 UWB compliant
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

DWM1001 Datasheet(HTML) 15 Page - Qorvo, Inc

Back Button DWM1001 Datasheet HTML 11Page - Qorvo, Inc DWM1001 Datasheet HTML 12Page - Qorvo, Inc DWM1001 Datasheet HTML 13Page - Qorvo, Inc DWM1001 Datasheet HTML 14Page - Qorvo, Inc DWM1001 Datasheet HTML 15Page - Qorvo, Inc DWM1001 Datasheet HTML 16Page - Qorvo, Inc DWM1001 Datasheet HTML 17Page - Qorvo, Inc DWM1001 Datasheet HTML 18Page - Qorvo, Inc DWM1001 Datasheet HTML 19Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
DWM1001 Datasheet
© Decawave Ltd 2017
Subject to change without notice
Version 1.5
Page 15
-30
-25
-20
-15
-10
-5
0
5
0
8
16
24
32
40
48
56
64
72
80
88
96
104
112
120
128
136
144
152
160
168
176
184
192
200
208
216
224
232
240
248
256
264
272
280
288
296
304
312
320
328
336
344 352
Table 11. Antenna Radiation Patterns
Planes:
Antenna Gain (dBi) vs. Angle (°)
-30
-25
-20
-15
-10
-5
0
5
0
8
16
24
32
40
48
56
64
72
80
88
96
104
112
120
128
136
144
152
160
168
176
184
192
200
208
216
224
232
240
248
256
264
272
280
288
296
304
312
320
328
336
344 352
0°
90°
270°
180°
Theta
Phi
XZ Plane:
XY Plane:
YZ Plane:
180°
0°
90°
270°
Theta
Phi
270°
180°
0°
90°
Theta
Phi
-30
-25
-20
-15
-10
-5
0
5
0
8
16
24
32
40
48
56
64
72
80
88
96
104
112
120
128
136
144
152
160
168
176
184
192
200
208
216
224
232
240
248
256
264
272
280
288
296
304
312
320
328
336
344 352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com