Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWM1001 Datasheet(PDF) 7 Page - Qorvo, Inc

Part # DWM1001
Description  6.8 Mbps data rate IEEE 802.15.4-2011 UWB compliant
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

DWM1001 Datasheet(HTML) 7 Page - Qorvo, Inc

Back Button DWM1001 Datasheet HTML 3Page - Qorvo, Inc DWM1001 Datasheet HTML 4Page - Qorvo, Inc DWM1001 Datasheet HTML 5Page - Qorvo, Inc DWM1001 Datasheet HTML 6Page - Qorvo, Inc DWM1001 Datasheet HTML 7Page - Qorvo, Inc DWM1001 Datasheet HTML 8Page - Qorvo, Inc DWM1001 Datasheet HTML 9Page - Qorvo, Inc DWM1001 Datasheet HTML 10Page - Qorvo, Inc DWM1001 Datasheet HTML 11Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
DWM1001 Datasheet
© Decawave Ltd 2017
Subject to change without notice
Version 1.5
Page 7
3 DWM1001 PIN CONNECTIONS
3.1 Pin Numbering
DWM1001 module pin assignments are as follows (viewed from top): -
GND
SWD_CLK
SWD_DIO
GPIO_10
GPIO_9
GPIO_12
GPIO_14
GPIO_22
GPIO_31
GPIO_30
GND
VCC
GPIO_27
I2C_SDA
I2C_SCL
GPIO_23
GPIO_13
34
GND
33
RESETn
32
BT_WAKE_UP
31
GPIO_2
30
GPIO_3
29
SPIS_CSn
28
SPIS_CLK
27
SPIS_MOSI
26
SPIS_MISO
25
GPIO_8
24
GND
23
GPIO_15
22
GPIO_0
21
GPIO_1
20
UART_TX
19
READY
18
UART_RX
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
Figure 1: DWM1001 Pin Diagram
3.2 Pin Descriptions
Pin details are given in
Table 1: DWM1001 Pin functions
SIGNAL NAME
PI
N
I/O
(Default
)
DESCRIPTION
REFERENCE (Pin
designation)
Digital Interface
SWD_CLK
2
DI
Serial wire debug clock input for debug and
programming of Nordic Processor
[N] SWDCLK
SWD_DIO
3
DIO
Serial wire debug I/O for debug and
programming of Nordic Processor
[N] SWDIO
GPIO_10
4
DIO
General purpose I/O pin.
[N] P0.10
GPIO_9
5
DIO
General purpose I/O pin.
[N] P0.9
GPIO_12
6
DIO
General purpose I/O pin.
[N] P0.12
GPIO_14
7
DIO
General purpose I/O pin.
[N] P0.14
GPIO_22
8
DIO
General purpose I/O pin.
[N] P0.22
GPIO_31
9
DIO
General purpose I/O pin. ADC function of nRF52
[N] P0.31
GPIO_30
10
DIO
General purpose I/O pin. ADC function of nRF52
[N] P0.30
GPIO_27
13
DIO
General purpose I/O pin.
[N] P0.27
I2C_SDA
(Master)
14
DIO
Master I2C Data Line.
[N] P0.29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com