Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWM1001 Datasheet(PDF) 27 Page - Qorvo, Inc

Part # DWM1001
Description  6.8 Mbps data rate IEEE 802.15.4-2011 UWB compliant
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

DWM1001 Datasheet(HTML) 27 Page - Qorvo, Inc

Back Button DWM1001 Datasheet HTML 22Page - Qorvo, Inc DWM1001 Datasheet HTML 23Page - Qorvo, Inc DWM1001 Datasheet HTML 24Page - Qorvo, Inc DWM1001 Datasheet HTML 25Page - Qorvo, Inc DWM1001 Datasheet HTML 26Page - Qorvo, Inc DWM1001 Datasheet HTML 27Page - Qorvo, Inc DWM1001 Datasheet HTML 28Page - Qorvo, Inc DWM1001 Datasheet HTML 29Page - Qorvo, Inc DWM1001 Datasheet HTML 30Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
DWM1001 Datasheet
© Decawave Ltd 2017
Subject to change without notice
Version 1.5
Page 27
10.6 FCC Definitions
Portable: (§2.1093) — A portable device is defined as a transmitting device designed to be used so that the
radiating structure(s) of the device is / are within 20 centimetres of the body of the user.
Mobile: (§2.1091) (b) — A mobile device is defined as a transmitting device designed to be used in other than
fixed locations and to generally be used in such a way that a separation distance of at least 20 centimetres is
normally maintained between the transmitter’s radiating structure(s) and the body of the user or nearby persons.
Per §2.1091d(d)(4) In some cases (for example, modular or desktop transmitters), the potential conditions of use
of a device may not allow easy classification of that device as either Mobile or Portable. In these cases,
applicants are responsible for determining minimum distances for compliance for the intended use and
installation of the device based on evaluation of either specific absorption rate (SAR), field strength, or power
density, whichever is most appropriate.
10.7 Simultaneous Transmission Evaluation
This module has not been evaluated or approved for simultaneous transmission as it is impossible to determine
the exact multi-transmission scenario that a host manufacturer may choose. Any simultaneous transmission
condition established through module integration into a host product must be evaluated per the requirements in
KDB447498D01(8) and KDB616217D01,D03 (for laptop, notebook, netbook, and tablet applications).
As mentioned above, the DWM1001C has been granted modular approval as a “Portable” device. However, end-
customer Portable applications may require further RF exposure (SAR) evaluations. It is also possible that the
host / module combination will need to undergo further testing for FCC Part 15 compliance regardless of the
device classification. Your preferred test lab will be able to assist in determining the exact tests which are
required on the host / module combination.
10.8 Operating Requirements and Conditions
The design of DWM1001 complies with U.S. Federal Communications Commission (FCC) guidelines respecting
safety levels of radio frequency (RF) exposure for Portable devices.
FCC ID:
This product contains FCC ID: 2AQ33-DWM1001
10.9 Miscellaneous
Except as otherwise described above, the DWM1001C BLE and UWB transmitters meets all requirements for
SAR or RF Exposure, intended or unintended, under FCC, ISED, and ETSI rules. The BLE radio falls well below
the limit determined for <5mm separation (a “body-worn” device) and, for a UWB radio operating above 6GHz,
there are currently no exposure limits specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com