Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWM1001 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # DWM1001
Description  6.8 Mbps data rate IEEE 802.15.4-2011 UWB compliant
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

DWM1001 Datasheet(HTML) 1 Page - Qorvo, Inc

  DWM1001 Datasheet HTML 1Page - Qorvo, Inc DWM1001 Datasheet HTML 2Page - Qorvo, Inc DWM1001 Datasheet HTML 3Page - Qorvo, Inc DWM1001 Datasheet HTML 4Page - Qorvo, Inc DWM1001 Datasheet HTML 5Page - Qorvo, Inc DWM1001 Datasheet HTML 6Page - Qorvo, Inc DWM1001 Datasheet HTML 7Page - Qorvo, Inc DWM1001 Datasheet HTML 8Page - Qorvo, Inc DWM1001 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
© Decawave Ltd 2017
Subject to change without notice
Version 1.5
Page 1
Product Overview
The DWM1001 module is based on Decawave's DW1000 Ultra
Wideband (UWB) transceiver IC, which is an IEEE 802.15.4-
2011 UWB implementation. It integrates UWB and Bluetooth®
antenna, all RF circuitry, Nordic Semiconductor nRF52832 and
a motion sensor.
Key Features
Ranging accuracy to within 10cm.
UWB Channel 5 printed PCB antenna (6.5 GHz)
6.8 Mbps data rate IEEE 802.15.4-2011 UWB compliant
Nordic Semiconductor nRF52832
Bluetooth® connectivity
Bluetooth® chip antenna
Motion sensor: 3-axis accelerometer
Current consumption optimised for low power sleep mode: <15μA
Supply voltage: 2.8 V to 3.6 V
Size: 19.1 mm x 26.2 mm x 2.6 mm
Modules marked DWM1001C are certified to ETSI, FCC and ISED regulations
FCC ID: 2AQ33-DWM1001, IC: 23794-DWM1001
See the module marking section of this datasheet
Key Benefits
• Accelerates design cycle, reduces development costs, shortens time to market
• Low-power hardware design enabling longer battery life
• SPI, UART, I2C and Bluetooth® to interface DWM1001 to host device
• Ready-to-go embedded firmware for Two Way Ranging RTLS application:
C API to DWM1001 firmware (available as a library) for user code customisation
On-board Bluetooth® SMART for connectivity to phones/tablets/PCs
SPI, UART and Bluetooth® APIs to access DWM1001 from an external device
See MDEK1001 and PANS on www.decawave.com for additional information
UWB
Transceiver
Decawave
DW1000
BLE
Microprocessor
Nordic
nRF52832
64 MHz ARM
Cortex M4
SPI M1*
3-Axis Motion
Detector
STM
LIS2DH12TR
BLE Antenna
UART [1:0]
SPI S2* [3:0]
I2C [1:0]
IRQ
UWB Antenna
VCC
2.8 V– 3.6 V
DC-DC
Converter
1V8
GPIO
RESET
SWD[1:0]
GPIO
BT_WAKE_UP
GND
READY
4
12
*SPI M1 is nRF52 SPI master 1, SPI S2 is SPI slave 2
Block Diagram


Similar Part No. - DWM1001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DWM1001 ETC2-DWM1001 Datasheet
1Mb / 30P
Ranging accuracy to within 10cm
DWM1001-DEV ETC2-DWM1001-DEV Datasheet
1Mb / 15P
DWM1001 Module Development
logo
Qorvo, Inc
DWM1001-DEV QORVO-DWM1001-DEV Datasheet
1Mb / 15P
USB connection for reprogramming, debug & power supply
More results

Similar Description - DWM1001

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230 Datasheet
423Kb / 50P
ZigBee/IEEE 802.15.4-Transceiver
logo
Level One
PFE-1001T LVL1-PFE-1001T Datasheet
1Mb / 3P
100 Mbps Data Transfer Rate
logo
Anaren Microwave
2530E24AZ1 ANAREN-2530E24AZ1 Datasheet
234Kb / 2P
2.4-GHz IEEE 802.15.4 compliant RF transceiver
A2530E24X ANAREN-A2530E24X Datasheet
1Mb / 34P
2.4 GHz IEEE 802.15.4 compliant
logo
STMicroelectronics
ST4485EB STMICROELECTRONICS-ST4485EB Datasheet
392Kb / 18P
Guaranteed 20 Mbps data rate
September 2013 Rev 2
logo
TriQuint Semiconductor
GP502 TRIQUINT-GP502 Datasheet
193Kb / 3P
IEEE 802.15.4 Communications Controller
logo
List of Unclassifed Man...
DW1000 ETC2-DW1000 Datasheet
1Mb / 49P
IEEE802.15.4-2011 UWB Transceiver
DWM1000 ETC2-DWM1000 Datasheet
1Mb / 29P
IEEE 802.15.4-2011 UWB Transceiver Module
DWM3000 ETC1-DWM3000 Datasheet
927Kb / 24P
IEEE 802.15.4-z UWB Transceiver Module
logo
Qorvo, Inc
DWM1000 QORVO-DWM1000 Datasheet
1Mb / 33P
IEEE 802.15.4-2011 UWB Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com