Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWM1001 Datasheet(PDF) 23 Page - Qorvo, Inc

Part # DWM1001
Description  6.8 Mbps data rate IEEE 802.15.4-2011 UWB compliant
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

DWM1001 Datasheet(HTML) 23 Page - Qorvo, Inc

Back Button DWM1001 Datasheet HTML 19Page - Qorvo, Inc DWM1001 Datasheet HTML 20Page - Qorvo, Inc DWM1001 Datasheet HTML 21Page - Qorvo, Inc DWM1001 Datasheet HTML 22Page - Qorvo, Inc DWM1001 Datasheet HTML 23Page - Qorvo, Inc DWM1001 Datasheet HTML 24Page - Qorvo, Inc DWM1001 Datasheet HTML 25Page - Qorvo, Inc DWM1001 Datasheet HTML 26Page - Qorvo, Inc DWM1001 Datasheet HTML 27Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
DWM1001 Datasheet
© Decawave Ltd 2017
Subject to change without notice
Version 1.5
Page 23
10REGULATORY INFORMATION
The information below is valid for the DWM1001C module only.
US FCC ID: 2AQ33-DWM1001, Canada ISED/IC: 23794-DWM1001
FCC and ETSI Test reports are available to download at: https://www.decawave.com/product/dwm1001-module
10.1 European Union requirements
10.1.1 Radio Equipment Directive
The DWM1001C Module has been certified for use in European Union countries. A copy of the EU Declaration of
Conformity is available for download on our website.
If these modules are incorporated into a product, the manufacturer must ensure continuing compliance of the
final product to the Radio Equipment Directive 2014/53/EU. The manufacturer must then draw up a new written
EU Declaration of Conformity as per RED Article 18.
Furthermore, the manufacturer must ensure the final product does not exceed the specified power ratings,
antenna specifications, and/or installation requirements as specified in this document. If any of these
specifications are exceeded in the final product, the manufacturer must assess whether additional compliance
testing is required.
IMPORTANT: The “CE” marking must be in compliance with the RED Article 19. It must be affixed to a visible
location on the OEM product. The CE mark shall have a height of at least 5mm except where this is not possible
on account of the nature of the apparatus. The CE marking must be affixed visibly, legibly, and indelibly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com