Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWM1001 Datasheet(PDF) 29 Page - Qorvo, Inc

Part # DWM1001
Description  6.8 Mbps data rate IEEE 802.15.4-2011 UWB compliant
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

DWM1001 Datasheet(HTML) 29 Page - Qorvo, Inc

Back Button DWM1001 Datasheet HTML 22Page - Qorvo, Inc DWM1001 Datasheet HTML 23Page - Qorvo, Inc DWM1001 Datasheet HTML 24Page - Qorvo, Inc DWM1001 Datasheet HTML 25Page - Qorvo, Inc DWM1001 Datasheet HTML 26Page - Qorvo, Inc DWM1001 Datasheet HTML 27Page - Qorvo, Inc DWM1001 Datasheet HTML 28Page - Qorvo, Inc DWM1001 Datasheet HTML 29Page - Qorvo, Inc DWM1001 Datasheet HTML 30Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
DWM1001 Datasheet
© Decawave Ltd 2017
Subject to change without notice
Version 1.5
Page 29
12 REFERENCES
[1] nRF52832 Product Specification v1.3 www.nordicsemi.com
[2] Decawave DW1000 Datasheet www.decawave.com
[3] Decawave DW1000 User Manual www.decawave.com
[4] STMicroelectronics LIS2DH12TR www.st.com
[5] DWM1001 Firmware API Guide
[6] DWM1001 Firmware User Guide
[7] IEEE802.15.4-2011 or “IEEE Std 802.15.4™
‐2011”(RevisionofIEEEStd802.15.4-2006).IEEEStandard
for Local and metropolitan area networks – Part 15.4: Low-Rate Wireless Personal Area Networks (LR-
WPANs). IEEE Computer Society Sponsored by the LAN/MAN Standards Committee. Available from
http://standards.ieee.org/
[8] APS014 Antenna Delay Calibration of DW1000-based products and systems
[9] DWM1001 System Overview
13 DOCUMENT HISTORY
Table 14: Document History
Revision
Date
Description
1.5
04/02/19
Update of regulatory information
1.4
19/12/2018
Update
1.3
22/10/2018
Update
1.2
07/08/2018
Update
1.1
27/02/18
Core update
14 MAJOR CHANGES
Revision 1.1
Page
Change Description
All
Update of version number to 1.10
9
New table detailing internal connections between nRF52 and DW1000
9
Adding I2C slave devices address
9
Specifying that nrF52 to DW1000 SPI interface mode is 0
14,15
New details on Antenna Radiation pattern
18
Adding accurate position of VDDIO test point on figure 6
Revision 1.2
Page
Change Description
All
Logo Change
Revision 1.3
Page
Change Description
1
Key benefits update
Revision 1.4
Page
Change Description
All
DWM1001C and regulation information added



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com