Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWM1001 Datasheet(PDF) 26 Page - Qorvo, Inc

Part # DWM1001
Description  6.8 Mbps data rate IEEE 802.15.4-2011 UWB compliant
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

DWM1001 Datasheet(HTML) 26 Page - Qorvo, Inc

Back Button DWM1001 Datasheet HTML 22Page - Qorvo, Inc DWM1001 Datasheet HTML 23Page - Qorvo, Inc DWM1001 Datasheet HTML 24Page - Qorvo, Inc DWM1001 Datasheet HTML 25Page - Qorvo, Inc DWM1001 Datasheet HTML 26Page - Qorvo, Inc DWM1001 Datasheet HTML 27Page - Qorvo, Inc DWM1001 Datasheet HTML 28Page - Qorvo, Inc DWM1001 Datasheet HTML 29Page - Qorvo, Inc DWM1001 Datasheet HTML 30Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
DWM1001 Datasheet
© Decawave Ltd 2017
Subject to change without notice
Version 1.5
Page 26
10.3 Innovation, Science and Economic Development Canada (ISED), formerly
Industry Canada (IC), Compliance Statements
This device complies with ISED licence-exempt RSS standard(s). Operation is subject to the following two
conditions: (1) this device may not cause interference, and (2) this device must accept any interference, including
interference that may cause undesired operation of the device.
Le présent appareil est conforme aux CNR d'ISDE applicables aux appareils radio exempts de licence.
L'exploitation est autorisée aux deux conditions suivantes : (1) l'appareil ne doit pas produire de brouillage, et (2)
l'utilisateur de l'appareil doit accepter tout brouillage radioélectrique subi, même si le brouillage est susceptible
d'en compromettre le fonctionnement.
CAUTION: Any changes or modifications not expressly approved by the party responsible for compliance could
void the user’s authority to operate the equipment.
The OEM integrator is still responsible for testing their end-product for any additional compliance requirements
required with this module installed (for example, digital device emissions, PC peripheral requirements, etc.).
This Module is labelled with its own IC ID. If the IC ID Certification Number is not visible while installed inside
another device then the final end product should display a label on it referring to the enclosed module in a visible
area with the following:
“Contains Transmitter Module IC: 23794-DWM1001” OR “Contains IC: 23794-DWM1001”
Ce module est étiqueté avec son propre ID IC. Si le numéro de certification IC ID n'est pas visible lorsqu'il est
installé à l'intérieur d'un autre appareil, l'appareil doit afficher l'étiquette sur le module de référence ci-joint. Dans
ce cas, le produit final doit être étiqueté dans un endroit visible par le texte suivant :
“Contains Transmitter Module IC: 23794-DWM1001” OR “Contains IC: 23794-DWM1001”
10.4 Regulatory Module Integration Instructions
This module has been granted modular approval for portable applications. OEM integrators for host products may
use the module in their final products without additional FCC / ISED certification if they meet the following
conditions. Otherwise, additional FCC / ISED approvals must be obtained.
•
The host product with the module installed must be evaluated for simultaneous transmission
requirements.
•
The user’s manual for the host product must clearly indicate the operating requirements and conditions
that must be observed to ensure compliance with current FCC/ISED RF exposure guidelines.
•
A label must be affixed to the outside of the host product with the following statements:
This device contains FCC ID: 2AQ33-DWM1001
This equipment contains equipment certified under IC: 23794-DWM1001
The final host / module combination may also need to be evaluated against the FCC Part 15B criteria for
unintentional radiators in order to be properly authorized for operation as a Part 15 digital device.
If the final host / module combination is intended for use as a portable device (see classifications below) the host
manufacturer is responsible for separate evaluations/approvals for the SAR requirements from FCC Part 2.1093
and RSS-102.
10.5 Device Classifications
Since host devices vary widely with design features and configurations module integrators shall follow the
guidelines below regarding device classification and simultaneous transmission, and seek guidance from their
preferred regulatory test lab to determine how regulatory guidelines will impact the device compliance. Proactive
management of the regulatory process will minimize unexpected schedule delays and costs due to unplanned
testing activities.
The module integrator must determine the minimum distance required between their host device and the user’s
body. The FCC provides device classification definitions to assist in making the correct determination. Note that
these classifications are guidelines only; strict adherence to a device classification may not satisfy the regulatory
requirement as near-body device design details may vary widely. Your preferred test lab will be able to assist in
determining the appropriate device category for your host product and if a KDB or PBA must be submitted to the
FCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com