Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWM1001 Datasheet(PDF) 12 Page - Qorvo, Inc

Part # DWM1001
Description  6.8 Mbps data rate IEEE 802.15.4-2011 UWB compliant
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

DWM1001 Datasheet(HTML) 12 Page - Qorvo, Inc

Back Button DWM1001 Datasheet HTML 8Page - Qorvo, Inc DWM1001 Datasheet HTML 9Page - Qorvo, Inc DWM1001 Datasheet HTML 10Page - Qorvo, Inc DWM1001 Datasheet HTML 11Page - Qorvo, Inc DWM1001 Datasheet HTML 12Page - Qorvo, Inc DWM1001 Datasheet HTML 13Page - Qorvo, Inc DWM1001 Datasheet HTML 14Page - Qorvo, Inc DWM1001 Datasheet HTML 15Page - Qorvo, Inc DWM1001 Datasheet HTML 16Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
DWM1001 Datasheet
© Decawave Ltd 2017
Subject to change without notice
Version 1.5
Page 12
4.5.1 Absolute Maximum Ratings
Table 10: DWM1001 Absolute Maximum Ratings
Parameter
Min.
Max.
Units
Supply voltage
2.8
3.9
V
Receiver power
0
dBm
Temperature - Storage temperature
-40
+85
˚C
Temperature – Operating temperature
-40
+85
˚C
ESD (Human Body Model)
2000
V
DWM1001 pins other than VCC, VDDIO and GND
3.6
Note that 3.6 V is
the max voltage
that may be
applied to these
pins
Stresses beyond those listed in this table may cause permanent damage to the device. This is a stress rating
only; functional operation of the device at these or any other conditions beyond those indicated in the operating
conditions of the specification is not implied. Exposure to the absolute maximum rating conditions for extended
periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com