Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWM1001 Datasheet(PDF) 10 Page - Qorvo, Inc

Part # DWM1001
Description  6.8 Mbps data rate IEEE 802.15.4-2011 UWB compliant
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

DWM1001 Datasheet(HTML) 10 Page - Qorvo, Inc

Back Button DWM1001 Datasheet HTML 6Page - Qorvo, Inc DWM1001 Datasheet HTML 7Page - Qorvo, Inc DWM1001 Datasheet HTML 8Page - Qorvo, Inc DWM1001 Datasheet HTML 9Page - Qorvo, Inc DWM1001 Datasheet HTML 10Page - Qorvo, Inc DWM1001 Datasheet HTML 11Page - Qorvo, Inc DWM1001 Datasheet HTML 12Page - Qorvo, Inc DWM1001 Datasheet HTML 13Page - Qorvo, Inc DWM1001 Datasheet HTML 14Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
DWM1001 Datasheet
© Decawave Ltd 2017
Subject to change without notice
Version 1.5
Page 10
4 ELECTRICAL SPECIFICATIONS
The following tables give detailed specifications for the DWM1001 module. Tamb = 25 ˚C for all specifications
given.
4.1 Nominal Operating Conditions
Table 5: DWM1001 Operating Conditions
Parameter
Min.
Typ.
Max.
Units
Condition/Note
Operating temperature
-40
+85
˚C
Supply voltage VCC
2.8
3.3
3.6
V
Normal operation
Voltage on VDDIO for programming OTP
3.7
3.8
3.9
V
Note that for programming the
OTP in the DWM1001 this
supply is connected to the
VDDIO test point which is on the
back side of the PCB. (See
Figure 6)
4.2 DC Characteristics
Table 6: DWM1001 DC Characteristics
Parameter
Min.
Typ.
Max.
Units
Condition/Note
Supply current in DEEP SLEEP mode
4
µA
All peripherals in lowest
power consumption mode
Achievable where RTC and
accelerometer are disabled
with custom firmware.
Supply current in DEEP SLEEP mode
12
µA
RTC and accelerometer
operational, all other
peripherals in lowest power
consumption mode*
Supply current in IDLE mode
13
mA
MCU and DW1000 awake
TX peak current
111
mA
TX mean current
82
mA
RX peak current
154
mA
RX mean current
134
mA
Current in Bluetooth® discovery mode
6
mA
Digital input voltage high
0.7 x VCC
VCC
V
Digital input voltage low
GND
0.3 x VCC
V
Digital output voltage high
0.7 x VCC
VCC
V
Digital output voltage low
GND
0.3 x VCC
V
* Using a ranging update rate of 1 Hz
4.3 Receiver AC Characteristics
Table 7: DWM1001 Receiver AC Characteristics
Parameter
Min.
Typ.
Max.
Units
Condition/Note
Frequency range
6240
6739.2
MHz
Centre Frequency 6489.6 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com