Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWM1001 Datasheet(PDF) 8 Page - Qorvo, Inc

Part # DWM1001
Description  6.8 Mbps data rate IEEE 802.15.4-2011 UWB compliant
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

DWM1001 Datasheet(HTML) 8 Page - Qorvo, Inc

Back Button DWM1001 Datasheet HTML 4Page - Qorvo, Inc DWM1001 Datasheet HTML 5Page - Qorvo, Inc DWM1001 Datasheet HTML 6Page - Qorvo, Inc DWM1001 Datasheet HTML 7Page - Qorvo, Inc DWM1001 Datasheet HTML 8Page - Qorvo, Inc DWM1001 Datasheet HTML 9Page - Qorvo, Inc DWM1001 Datasheet HTML 10Page - Qorvo, Inc DWM1001 Datasheet HTML 11Page - Qorvo, Inc DWM1001 Datasheet HTML 12Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
DWM1001 Datasheet
© Decawave Ltd 2017
Subject to change without notice
Version 1.5
Page 8
SIGNAL NAME
PI
N
I/O
(Default
)
DESCRIPTION
REFERENCE (Pin
designation)
I2C_SCL
(Master)
15
DO
Master I2C Clock Line
[N] P0.28
GPIO_23
16
DIO
General purpose I/O pin.
[N] P0.23
GPIO_13
17
DIO
General purpose I/O pin.
[N] P0.13
UART_RX
18
DI
UART_RX
[N] P0.11
READY
19
DO
Generated interrupt from the device.
Indicates events such as SPI data ready, or
location data ready.
See the function dwm_int_cfg() in the DWM1001
Firmware API Guide for details[5].
[N] P0.26
UART_TX
20
DO
UART_TX, This is also the ADC function of the
nRF52
[N] P0.05
GPIO_1
21
DIO
General purpose I/O pin of the DW1000.
It may be configured for use as a SFDLED
driving pin that can be used to light a LED when
SFD (Start Frame Delimiter) is found by the
receiver. Refer to the DW1000 User Manual [1]
for details of LED use.
[DW] GPIO1
GPIO_0
22
DIO
General purpose I/O pin of the DW1000.
It may be configured for use as a RXOKLED
driving pin that can be used to light a LED on
reception of a good frame. Refer to the
DW1000 User Manual [1] for details of LED use.
[DW] GPIO0
GPIO_15
23
DIO
General purpose I/O pin.
[N] P0.15
GPIO_8
25
DIO
General purpose I/O pin.
[N] P0.08
SPIS_MISO
26
DI
Configured as a SPI slave this pin is the SPI
data output. Refer to Datasheet for more details
[1].
[N] P0.07
SPIS_MOSI
27
DO
Configured as a SPI slave this pin is the SPI
data input. Refer to Datasheet for more details
[1].
[N] P0.06
SPIS_CLK
28
DI
Configured as a SPI slave this pin is the SPI
clock. This is also the ADC function of the
nRF52
[N] P0.04
SPIS_CSn
29
DI
Configured as a SPI slave this pin is the SPI
chip select. This is an active low enable input.
The high-to-low transition on SPICSn signals the
start of a new SPI transaction. This is also the
ADC function of the nRF52
[N] P0.03
GPIO_3
30
DO
This pin is configured for use as a TXLED
driving pin that can be used to light a LED
during transmit mode. Refer to the DW1000
User Manual [2] for details of LED use.
[DW] GPIO3
GPIO_2
31
DO
This pin is configured for use as a RXLED
driving pin that can be used to light a LED
during receive mode. Refer to the DW1000
User Manual [2] for details of LED use.
[DW] GPIO2
BT_WAKE_UP
32
DI
When this pin is asserted to its active low state
the Bluetooth device will advertise its availability
for 20 seconds by broadcasting advertising
packets. This is also the ADC function of the
nRF52.
[N] P0.02
RESETn
33
DI
Reset pin. Active Low Input.
[N] P0.21
Power Supplies
VCC
12
P
External supply for the module. 2.8V - 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com