Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWM1001 Datasheet(PDF) 11 Page - Qorvo, Inc

Part # DWM1001
Description  6.8 Mbps data rate IEEE 802.15.4-2011 UWB compliant
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

DWM1001 Datasheet(HTML) 11 Page - Qorvo, Inc

Back Button DWM1001 Datasheet HTML 7Page - Qorvo, Inc DWM1001 Datasheet HTML 8Page - Qorvo, Inc DWM1001 Datasheet HTML 9Page - Qorvo, Inc DWM1001 Datasheet HTML 10Page - Qorvo, Inc DWM1001 Datasheet HTML 11Page - Qorvo, Inc DWM1001 Datasheet HTML 12Page - Qorvo, Inc DWM1001 Datasheet HTML 13Page - Qorvo, Inc DWM1001 Datasheet HTML 14Page - Qorvo, Inc DWM1001 Datasheet HTML 15Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
DWM1001 Datasheet
© Decawave Ltd 2017
Subject to change without notice
Version 1.5
Page 11
4.4 Receiver Sensitivity Characteristics
Tamb = 25 ˚C, 20 byte payload. These sensitivity figures assume an antenna gain of 0 dBi and should be modified
by the antenna characteristics, depending on the orientation of the DWM1001.
Table 8: DWM1001 Typical Receiver Sensitivity Characteristics
Packet
Error
Rate
Data Rate
Receiver
Sensitivity
Units
Condition/Note
1%
6.8 Mbps
-98*(-92)
dBm/500 MHz
Preamble 128
Carrier
frequency
offset
±10 ppm
All measurements
performed on
Channel 5, PRF 64
MHz
10%
6.8 Mbps
-99*(-93)
dBm/500 MHz
Preamble 128
*equivalent sensitivity with Smart TX Power enabled. This is enabled in the onboard firmware.
4.5 Transmitter AC Characteristics
Table 9: DWM1001 Transmitter AC Characteristics
Parameter
Min.
Typ.
Max.
Units
Condition/Note
Frequency range
6240
6739.2
MHz
Output power spectral density
-41.3*
dBm/MHz
See DW1000 Datasheet [1]
Output Channel Power
-17
dBm/500MHz
Output power variation with
temperature*
-1
+1
dB
Using on board
compensation.
* When using the Decawave supplied embedded firmware for the DWM1001 module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com