Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWM1001 Datasheet(PDF) 17 Page - Qorvo, Inc

Part # DWM1001
Description  6.8 Mbps data rate IEEE 802.15.4-2011 UWB compliant
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

DWM1001 Datasheet(HTML) 17 Page - Qorvo, Inc

Back Button DWM1001 Datasheet HTML 13Page - Qorvo, Inc DWM1001 Datasheet HTML 14Page - Qorvo, Inc DWM1001 Datasheet HTML 15Page - Qorvo, Inc DWM1001 Datasheet HTML 16Page - Qorvo, Inc DWM1001 Datasheet HTML 17Page - Qorvo, Inc DWM1001 Datasheet HTML 18Page - Qorvo, Inc DWM1001 Datasheet HTML 19Page - Qorvo, Inc DWM1001 Datasheet HTML 20Page - Qorvo, Inc DWM1001 Datasheet HTML 21Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
DWM1001 Datasheet
© Decawave Ltd 2017
Subject to change without notice
Version 1.5
Page 17
7 APPLICATION INFORMATION
7.1 Application Board Layout Guidelines
When designing the PCB onto which the DWM1001 will be soldered, the proximity of the DWM1001 on-board
antenna to metal and other non-RF transparent materials needs to considered carefully. Two suggested
placement schemes are shown below.
For best RF performance, ground copper should be flooded in all areas of the application board, except
in the areas marked “Keep-Out Area”, where there should be no metal either side, above or below (e.g.
do not place battery under antenna).
The two placement schemes in Figure 4 show an application board with no metallic material in the keep-out area.
The diagram on the right is an application board with the antenna projecting off of the board so that the keep out
area is in free-space. The diagram on the left shows an application board which does not have the module in free
space but has the PCB copper removed on either side (and behind) the module antenna.
(Note: the rectangular area above the shield on the module is the antenna area)
It is also important to note that the ground plane on the application board affects the DWM1001 antenna radiation
pattern. There must be a minimum spacing of 10 mm (d) without metal either side of the module antenna.
Application Board
d
d
Application Board
d
d
Keep-Out
Area
Keep-Out
Area
Figure 4: DWM1001 Application Board Keep-Out Areas



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com