Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWM1001 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # DWM1001
Description  6.8 Mbps data rate IEEE 802.15.4-2011 UWB compliant
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

DWM1001 Datasheet(HTML) 2 Page - Qorvo, Inc

  DWM1001 Datasheet HTML 1Page - Qorvo, Inc DWM1001 Datasheet HTML 2Page - Qorvo, Inc DWM1001 Datasheet HTML 3Page - Qorvo, Inc DWM1001 Datasheet HTML 4Page - Qorvo, Inc DWM1001 Datasheet HTML 5Page - Qorvo, Inc DWM1001 Datasheet HTML 6Page - Qorvo, Inc DWM1001 Datasheet HTML 7Page - Qorvo, Inc DWM1001 Datasheet HTML 8Page - Qorvo, Inc DWM1001 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
DW1000 Datasheet
© Decawave Ltd 2017
Subject to change without notice
Version 1.5
Page 2
Table of Contents
1 OVERVIEW ................................................... 5
1.1
UWB TRANSCEIVER DW1000....................... 5
1.2
BLUETOOTH® MICROPROCESSOR NORDIC
N
RF52832 ........................................................... 5
1.3
POWER SUPPLY AND POWER MANAGEMENT...... 5
1.4
THREE AXIS MOTION DETECTOR
STMICROELECTRONICS LIS2DH12TR ........................ 5
1.5
SOFTWARE ON BOARD................................... 5
2 DWM1001 CALIBRATION ............................. 6
2.1.1
Crystal Oscillator Trim .................. 6
2.1.2
Transmitter Calibration ................ 6
2.1.3
Antenna Delay Calibration............ 6
3 DWM1001 PIN CONNECTIONS ..................... 7
3.1
PIN NUMBERING.......................................... 7
3.2
PIN DESCRIPTIONS........................................ 7
4 ELECTRICAL SPECIFICATIONS...................... 10
4.1
NOMINAL OPERATING CONDITIONS ............... 10
4.2
DC CHARACTERISTICS.................................. 10
4.3
RECEIVER AC CHARACTERISTICS .................... 10
4.4
RECEIVER SENSITIVITY CHARACTERISTICS......... 11
4.5
TRANSMITTER AC CHARACTERISTICS .............. 11
4.5.1
Absolute Maximum Ratings........ 12
5 TRANSMIT AND RECEIVE POWER
CONSUMPTION................................................. 13
6 ANTENNA PERFORMANCE ......................... 14
7 APPLICATION INFORMATION..................... 17
7.1
APPLICATION BOARD LAYOUT GUIDELINES ...... 17
8 PACKAGE INFORMATION ........................... 18
8.1
MODULE DRAWINGS...................................18
8.2
MODULE LAND PATTERN .............................19
8.3
MODULE MARKING INFORMATION ................20
8.4
MODULE SOLDER PROFILE............................21
9 ORDERING INFORMATION..........................22
9.1
TAPE AND REEL INFORMATION......................22
10
REGULATORY INFORMATION ..................23
10.1 EUROPEAN UNION REQUIREMENTS ................23
10.1.1
Radio Equipment Directive..........23
10.1.2
ETSI harmonised standards........24
10.2 UNITED STATES (FCC).................................25
10.2.1
Radio and Television Interference
25
10.3 INNOVATION, SCIENCE AND ECONOMIC
DEVELOPMENT CANADA (ISED), FORMERLY INDUSTRY
CANADA (IC), COMPLIANCE STATEMENTS..................26
10.4 REGULATORY MODULE INTEGRATION
INSTRUCTIONS ......................................................26
10.5 DEVICE CLASSIFICATIONS..............................26
10.6 FCC DEFINITIONS .......................................27
10.7 SIMULTANEOUS TRANSMISSION EVALUATION...27
10.8 OPERATING REQUIREMENTS AND CONDITIONS.27
10.9 MISCELLANEOUS ........................................27
11
GLOSSARY ...............................................28
12
REFERENCES ............................................29
13
DOCUMENT HISTORY ..............................29
14
MAJOR CHANGES ....................................29
15
FURTHER INFORMATION.........................30
List of Figures
FIGURE 1: DWM1001 PIN DIAGRAM ........................... 7
FIGURE 2: POWER CONSUMPTION DURING TWO WAY
RANGING......................................................... 13
FIGURE 3. ANTENNA RADIATION PATTERN PLANES ......... 14
FIGURE 4: DWM1001 APPLICATION BOARD KEEP-OUT
AREAS............................................................. 17
FIGURE 5: MODULE PACKAGE SIZE (UNITS: MM)............18
FIGURE 6: DWM1001 MODULE LAND PATTERN (UNITS:
MM
)................................................................19
FIGURE 7: DWM1001 MODULE SOLDER PROFILE.........21
FIGURE 8: DWM1001 TAPE AND REEL DIMENSIONS.....22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com