Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB096AA Datasheet(PDF) 13 Page - STMicroelectronics

Part # M69KB096AA
Description  64 Mbit (4M x16) 1.8V Supply, 80MHz Clock Rate, Burst PSRAM
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AA Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M69KB096AA Datasheet HTML 9Page - STMicroelectronics M69KB096AA Datasheet HTML 10Page - STMicroelectronics M69KB096AA Datasheet HTML 11Page - STMicroelectronics M69KB096AA Datasheet HTML 12Page - STMicroelectronics M69KB096AA Datasheet HTML 13Page - STMicroelectronics M69KB096AA Datasheet HTML 14Page - STMicroelectronics M69KB096AA Datasheet HTML 15Page - STMicroelectronics M69KB096AA Datasheet HTML 16Page - STMicroelectronics M69KB096AA Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
13/48
M69KB096AA
CONFIGURATION REGISTERS
Two write-only user-accessible configuration reg-
isters have been included to define device opera-
tion. These registers are automatically loaded with
default settings during power-up, and can be up-
dated any time the device is operating in a standby
state.
The configuration registers (BCR and RCR) can
be programmed and read using two methods:
■
The CR Controlled Method (or Hardware
Method)
■
The Software Method.
Programming and Reading the Configuration
Registers using the CR Controlled Method
The BCR and the RCR can be programmed and
read using either a Synchronous or an Asynchro-
nous Write and Read operation with the Configu-
ration Register Enable input, CR, at VIH. Address
bit A19 selects the register to be programmed or
read (see Table 4., Register Selection). The val-
ues placed on address lines A0 to A21 are latched
into the register on the rising edge of L, E, or W,
whichever occurs first. LB and UB are “don’t care”.
When CR is at VIL, a Read or Write operation will
access the memory array.
See Figures 27 and 33, Configuration Register
Write in Asynchronous and Synchronous Modes.
Table 4. Register Selection
Programming and Reading the Configuration
Registers by the Software Method
Each register can be read by issuing a Read Con-
figuration Register sequence (see Figure 9., Read
Configuration Register (Software Method), and
programmed by issuing a Set Configuration Reg-
ister sequence (see Figure 8., Set Configuration
Register (Software Method). Both sequences
must be issued in asynchronous mode.
The timings will be identical to those described in
Table 15., Asynchronous Read AC Characteris-
tics. The Chip Enable input, CR, is ‘don’t care’.
Read Configuration Register and Set Configura-
tion Register sequences both require 4 cycles:
■
2 bus read and one bus write cycles to a
unique address location, 3FFFFFh, indicate
that the next operation will read or write to a
configuration register. The data written during
the third cycle must be ‘0000h’ to access the
RCR and ‘0001h’ to access the BCR during
the next cycle.
■
The fourth cycle reads from or writes to the
configuration register.
Register
Read or Write Operation
A19
RCR
Read/Write
0
BCR
Read/Write
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com