Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB096AA Datasheet(PDF) 43 Page - STMicroelectronics

Part # M69KB096AA
Description  64 Mbit (4M x16) 1.8V Supply, 80MHz Clock Rate, Burst PSRAM
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AA Datasheet(HTML) 43 Page - STMicroelectronics

Back Button M69KB096AA Datasheet HTML 39Page - STMicroelectronics M69KB096AA Datasheet HTML 40Page - STMicroelectronics M69KB096AA Datasheet HTML 41Page - STMicroelectronics M69KB096AA Datasheet HTML 42Page - STMicroelectronics M69KB096AA Datasheet HTML 43Page - STMicroelectronics M69KB096AA Datasheet HTML 44Page - STMicroelectronics M69KB096AA Datasheet HTML 45Page - STMicroelectronics M69KB096AA Datasheet HTML 46Page - STMicroelectronics M69KB096AA Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
43/48
M69KB096AA
Figure 32. Synchronous Burst Write Followed by Read AC Waveforms (4 Words)
Note: 1. The Latency type can set to fixed or variable mode. The Latency is set to 3 clock cycles (BCR13-BCR11 = 101). The WAIT signal
is active Low (BCR10=0), and is asserted during delay (BCR8=0). In fixed Latency mode, row boundary crossing
2. E can remain Low between the Burst Read and Burst Write operation, but it must not be held Low for longer than tELEH.
Addr.
WAIT
DQ0-
DQ15
K
tKHAX
ai11313
E
G
W
L
tKHKH
DIN0
DIN1 DIN2 DIN3
UB, LB
tKLKH
tKHKL
tAVKH
tKHLH
tLLKH
tELKH
tWLKH
tKHWH
tDVKH
tKHLL
tEHEL
tGHQZ
tGLQX
tKHQX2
DO0
DO1
DO2
DO3
tKHDX
tKHAX
tAVKH
(2)
tKHEH
tELKH
tKHLH
tKHEH
tKHTX
tKHTX
tWHKH
tKHWL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com