Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB096AA Datasheet(PDF) 14 Page - STMicroelectronics

Part # M69KB096AA
Description  64 Mbit (4M x16) 1.8V Supply, 80MHz Clock Rate, Burst PSRAM
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AA Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M69KB096AA Datasheet HTML 10Page - STMicroelectronics M69KB096AA Datasheet HTML 11Page - STMicroelectronics M69KB096AA Datasheet HTML 12Page - STMicroelectronics M69KB096AA Datasheet HTML 13Page - STMicroelectronics M69KB096AA Datasheet HTML 14Page - STMicroelectronics M69KB096AA Datasheet HTML 15Page - STMicroelectronics M69KB096AA Datasheet HTML 16Page - STMicroelectronics M69KB096AA Datasheet HTML 17Page - STMicroelectronics M69KB096AA Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
M69KB096AA
14/48
Figure 8. Set Configuration Register (Software Method)
Note: 1. Only the Bus Configuration Register (BCR) and the Refresh Configuration Register (RCR) can be modified.
2. To program the BCR or the RCR on last bus write cycle, DQ0-DQ15 must be set to ‘0001h’ and ‘000h’ respectively.
3. The highest order address location is not modified during this operation.
4. The third write operation must be controlled by the Chip Enable signal.
Figure 9. Read Configuration Register (Software Method)
Note: 1. To read the BCR, RCR on last bus read cycle, DQ0-DQ15 must be set to ‘0001h’, ‘000h’ respectively.
2. The highest order address location is not modified during this operation.
3. The Chip Enable signal, E, must be held High for 150ns before reading the content of the Configuration Register.
4. The third write operation must be controlled by the Chip Enable signal.
Addr.
3FFFFFh
E
G
W
LB, UB
AI10600b
3FFFFFh
3FFFFFh
3FFFFFh
DQ0-DQ15
(2)
CR Data IN
tEHEL2
tEHEL2
tEHEL2
Don't Care
Don't Care
(4)
Addr.
3FFFFFh
E
G
W
LB, UB
AI10601b
3FFFFFh
3FFFFFh
3FFFFFh
DQ0-DQ15
(1)
CR Data
OUT
tEHEL2
tEHEL2
tEHEL2
Don't Care
Don't Care
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com