Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB096AA Datasheet(PDF) 39 Page - STMicroelectronics

Part # M69KB096AA
Description  64 Mbit (4M x16) 1.8V Supply, 80MHz Clock Rate, Burst PSRAM
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AA Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M69KB096AA Datasheet HTML 35Page - STMicroelectronics M69KB096AA Datasheet HTML 36Page - STMicroelectronics M69KB096AA Datasheet HTML 37Page - STMicroelectronics M69KB096AA Datasheet HTML 38Page - STMicroelectronics M69KB096AA Datasheet HTML 39Page - STMicroelectronics M69KB096AA Datasheet HTML 40Page - STMicroelectronics M69KB096AA Datasheet HTML 41Page - STMicroelectronics M69KB096AA Datasheet HTML 42Page - STMicroelectronics M69KB096AA Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
39/48
M69KB096AA
Figure 29. Synchronous Burst Read (4-word) Followed by Asynchronous Write AC Waveforms
Note: 1. When configured in Synchronous mode (BCR15 = 0), a refresh opportunity must be provided every tELEH. A refresh opportunity is
satisfied by either of the following two conditions: E = VIH during Clock input K rising edge or E = VIH for longer than 15ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com