Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB096AA Datasheet(PDF) 47 Page - STMicroelectronics

Part # M69KB096AA
Description  64 Mbit (4M x16) 1.8V Supply, 80MHz Clock Rate, Burst PSRAM
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AA Datasheet(HTML) 47 Page - STMicroelectronics

Back Button M69KB096AA Datasheet HTML 40Page - STMicroelectronics M69KB096AA Datasheet HTML 41Page - STMicroelectronics M69KB096AA Datasheet HTML 42Page - STMicroelectronics M69KB096AA Datasheet HTML 43Page - STMicroelectronics M69KB096AA Datasheet HTML 44Page - STMicroelectronics M69KB096AA Datasheet HTML 45Page - STMicroelectronics M69KB096AA Datasheet HTML 46Page - STMicroelectronics M69KB096AA Datasheet HTML 47Page - STMicroelectronics M69KB096AA Datasheet HTML 48Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
47/48
M69KB096AA
REVISION HISTORY
Table 21. Document Revision History
Date
Rev.
Revision Details
13-Oct-2004
0.1
First Issue.
11-Feb-2005
0.2
ISB current for Standard Leakage option added in FEATURES SUMMARY.
ISB current for Standard Leakage option added in Table 13., DC Characteristics and test
conditions updated. ITCR current for Standard Leakage option added in Table
14., Temperature Compensated Refresh Specifications and Conditions. IPAR current for
Standard Leakage option added in Table 15., Partial Array Refresh Specifications and
Conditions.
Standard Leakage option added in Table 20., Ordering Information Scheme.
29-Apr-2005
1.0
Root Part Number changed to M69KB096AA.
104MHz maximum clock frequency and Low Leakage option removed.
Temperature range updated to –30°C to +85°C.
Clock Input (K). definition updated. Figure 3., Block Diagram modified.
Bus Modes Tables 2, 3 and Synchronous Burst Mode paragraph updated.
Output Impedance Bit (BCR5) renamed Driver Strength and definition updated.
R1 and R2 updated in Table 13., DC Characteristics and Refresh Specifications and
Conditions tables merged into Table 14..
Figures 15, 16, and 17 describing Asynchronous Read AC waveforms updated.
Figures 18, 19, 20, 21 and 22 describing Synchronous Read AC waveforms updated.
Figures 23, 24, and 25, describing Asynchronous Write AC waveforms updated. tAVWL and
tAVBL added in Table 17., Asynchronous Write AC Characteristics.
Figures 28 and 29 added.
Figures 30, 31, and 32, describing Synchronous Write AC waveforms updated. Figure
32., Synchronous Burst Write Followed by Read AC Waveforms (4 Words) added. tRHKH
and tKHRL added in Table 18., Synchronous Burst Write AC Characteristics
Table 21., Bond Pad Location and Identification modified to express the pad coordinates
from the center of the die.
16-June-2005
2.0
, FEATURES SUMMARY, OPERATING MODES and Figure 5., Synchronous Burst Write
Mode (4-word burst) modified.
18-Aug-2005
3.0
Updated Note 2 in Table 13., page 23, added notes to Table 14., page 24 and Table
17., page 40. Deleted Note 5 from Table 15., page 27.
12-Dec-2005
4
Clock rate added in datasheet title.
Test conditions for ICC1, ICC1P, ICC2, ICC3R, ICC3W and ISB updated in Table 13., DC
Characteristics.
19-Jan-2006
5
Section Wafer and die specifications removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com