Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB096AA Datasheet(PDF) 42 Page - STMicroelectronics

Part # M69KB096AA
Description  64 Mbit (4M x16) 1.8V Supply, 80MHz Clock Rate, Burst PSRAM
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AA Datasheet(HTML) 42 Page - STMicroelectronics

Back Button M69KB096AA Datasheet HTML 38Page - STMicroelectronics M69KB096AA Datasheet HTML 39Page - STMicroelectronics M69KB096AA Datasheet HTML 40Page - STMicroelectronics M69KB096AA Datasheet HTML 41Page - STMicroelectronics M69KB096AA Datasheet HTML 42Page - STMicroelectronics M69KB096AA Datasheet HTML 43Page - STMicroelectronics M69KB096AA Datasheet HTML 44Page - STMicroelectronics M69KB096AA Datasheet HTML 45Page - STMicroelectronics M69KB096AA Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
M69KB096AA
42/48
Figure 31. Continuous Burst Write Showing an Output Delay for End-of-R ow Condition (BCR8=0)
Note: 1. Non default BCR Register settings: 3 clock cycle latency; WAIT active Low, Burst Wrap bit BCR3 set to ‘0’ (wrap).
2. Clock rates lower than 50MHz (clock period higher than 20ns) are allowed as long as tELKH specifications are met.
3. WAIT will be asserted for a maximum of (2xLC)+1 cycles (LC being the Latency Code set through BCR[13-11])
4. Taking E high or L Low will abort the Burst operation and the writing of the first data.
A0-A21
DQ0-DQ15
K
tKHTV
tKHKH
tKLKH
tF
WAIT
AI06793b
E
G
LB/UB
W
DON'T CARE
DON'T CARE
DON'T CARE
DON'T CARE
tKHTX
L
tKHDX
tDVKH
VALID
INPUT D[n]
VALID
INPUT D[n+1]
End of Row
VALID
INPUT D[n+3]
VALID
INPUT D[n+2]
(3)
VALID
INPUT D[n+4]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com