Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB096AA Datasheet(PDF) 27 Page - STMicroelectronics

Part # M69KB096AA
Description  64 Mbit (4M x16) 1.8V Supply, 80MHz Clock Rate, Burst PSRAM
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AA Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M69KB096AA Datasheet HTML 23Page - STMicroelectronics M69KB096AA Datasheet HTML 24Page - STMicroelectronics M69KB096AA Datasheet HTML 25Page - STMicroelectronics M69KB096AA Datasheet HTML 26Page - STMicroelectronics M69KB096AA Datasheet HTML 27Page - STMicroelectronics M69KB096AA Datasheet HTML 28Page - STMicroelectronics M69KB096AA Datasheet HTML 29Page - STMicroelectronics M69KB096AA Datasheet HTML 30Page - STMicroelectronics M69KB096AA Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
27/48
M69KB096AA
Table 15. Asynchronous Read AC Characteristics
Note: 1. All the tests are performed with the outputs configured in “Full drive” strength (BCR5=’0’).
2. The timing is related to Asynchronous Page mode only.
3. These timings have been obtained with the AC Measurement Load Circuit shown on Figure 14.. The transition timings measure a
transition of 100mV between the High-Z level (VCCQ/2) and VOH or VOL.
4. These timings have been obtained with the AC Measurement Load Circuit shown on Figure 14.. The High-Z timings measure a
transition of 100mV between VOH or VOL and VCCQ/2.
Symbol
Alt.
Parameter
M69KB096AA
Unit
70ns
85ns
Min
Max
Min
Max
tAVQV
tAA
Address Valid to Output Valid
70
85
ns
tLLQV
tAADV
L Low to Output Valid
70
85
ns
tAVQV1
tAPA
Page Access Time
20
25
ns
tLHAX
tAVH
L High to Address Transition
5
5
tAVLH
tAVS
Address Valid to L High
10
10
tBLQV
tBA
Upper/Lower Byte Enable Low to Output
Valid
70
85
ns
tBHQZ
(4)
tBHZ
Upper/Lower Byte Enable High to Output Hi-
Z
88
ns
tBLQX
(3)
tBLZ
Upper/Lower Byte Enable Low to Output
Transition
10
10
ns
tEHEL
tCBPH
Chip Enable High between Subsequent
Mixed-Mode Read Operations
55
ns
tELEH
(2)
tCEM
Maximum Chip Enable Pulse Width
8
8
µs
tELTV
tCEW
Chip Enable Low to WAIT Valid
1
7.5
1
7.5
ns
tEHTZ
Chip Enable high to WAIT High-Z
8
8
ns
tELQV
tCO
Chip Enable Low to Output Valid (Chip
Select Access Time)
70
85
ns
tELLH
tCVS
Chip Enable Low to L High
10
10
ns
tEHQZ
(4)
tHZ
Chip Enable High to Output Hi-Z
8
8
ns
tELQX
(3)
tLZ
Chip Enable Low to Output Transition
10
10
ns
tGLQV
tOE
Output Enable Low to Output Valid
20
20
ns
tGHQX
tOH
Output Enable High to Output Transition
5
5
ns
tAVQX
tOHA
Data Hold from Address Change
5
5
ns
tGHQZ
(4)
tOHZ
Output Enable High to Output Hi-Z
8
8
ns
tGLQX
(3)
tOLZ
Output Enable Low to Output Transition
5
5
ns
tAVAV
tPC
Page Cycle Time
20
25
tAVAX
tRC
Read Cycle Time
70
85
ns
tLLLH
tVP
L Pulse Width Low
10
10
ns
tLHLL
tVPH
L Pulse Width High
10
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com