Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB096AA Datasheet(PDF) 20 Page - STMicroelectronics

Part # M69KB096AA
Description  64 Mbit (4M x16) 1.8V Supply, 80MHz Clock Rate, Burst PSRAM
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AA Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M69KB096AA Datasheet HTML 16Page - STMicroelectronics M69KB096AA Datasheet HTML 17Page - STMicroelectronics M69KB096AA Datasheet HTML 18Page - STMicroelectronics M69KB096AA Datasheet HTML 19Page - STMicroelectronics M69KB096AA Datasheet HTML 20Page - STMicroelectronics M69KB096AA Datasheet HTML 21Page - STMicroelectronics M69KB096AA Datasheet HTML 22Page - STMicroelectronics M69KB096AA Datasheet HTML 23Page - STMicroelectronics M69KB096AA Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
M69KB096AA
20/48
Table 9. Refresh Configuration Register Definition
Address
Bits
Bus
Configuration
Register Bit
Description
Value
Description
A21-A20
-
-
Must be set to ‘0’
Reserved
A19
-
Register Select
0
Refresh Selected
1
Bus Configuration Register Selected
A18-A8
-
-
Must be set to ‘0’
Reserved
A7
RCR7
Page Mode
Operation Bit
0
Page Read Mode Disabled (Default)
1
Page Read Mode Enabled
A6-A5
RCR6-RCR5
Temperature
Compensated
Refresh Bits
11
+85°C (Default)
00
+70°C
01
+45°C
10
+15°C
A4
RCR4
Deep Power-
Down Bit
0
Deep Power-Down Enabled
1
Deep Power-Down Disabled (Default)
A3
-
-
Must be set to ‘0’
Reserved
A2-A0
RCR2-RCR0
Partial Array
Refresh Bits
000
See Table 8., Address Patterns for Partial
Array Refresh
001
010
011
100
101
110
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com