Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB096AA Datasheet(PDF) 41 Page - STMicroelectronics

Part # M69KB096AA
Description  64 Mbit (4M x16) 1.8V Supply, 80MHz Clock Rate, Burst PSRAM
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AA Datasheet(HTML) 41 Page - STMicroelectronics

Back Button M69KB096AA Datasheet HTML 37Page - STMicroelectronics M69KB096AA Datasheet HTML 38Page - STMicroelectronics M69KB096AA Datasheet HTML 39Page - STMicroelectronics M69KB096AA Datasheet HTML 40Page - STMicroelectronics M69KB096AA Datasheet HTML 41Page - STMicroelectronics M69KB096AA Datasheet HTML 42Page - STMicroelectronics M69KB096AA Datasheet HTML 43Page - STMicroelectronics M69KB096AA Datasheet HTML 44Page - STMicroelectronics M69KB096AA Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
41/48
M69KB096AA
Note: 1. WE# LOW time must be limited to tCEM (8 µs).
2. These timings have been obtained with the AC Measurement Load Circuit shown on Figure 14. The transition timings measure a
transition of 100 mV between the High-Z level (VCCQ/2) and VOH or VOL.
3. These timings have been obtained with the AC Measurement Load Circuit shown on Figure 14. The High-Z timings measure a tran-
sition of 100 mV between VOH or VOL and VCCQ/2.
Figure 30. Synchronous Burst Write AC Waveform
Note: 1. Non default BCR Register settings: Latency code two (three clocks); WAIT active Low; WAIT asserted during delay.
2. Clock rates lower than 50MHz (clock period higher than 20ns) are allowed as long as tELKH specifications are met.
tEHTZ
tBHTZ
tWHTZ
tHZ
Chip Enable High to WAIT Hi-Z
LB/UB High to WAIT Hi-Z
Write Enable High to WAIT Hi-Z
88
ns
Symbol
Alt.
Parameter
M69KB096AA
Unit
70ns
85ns
Min
Max
Min
Max
tAVEL
tAVWL
tAVBL
tLLWL
tELWL
tAS
Address Setting Time
0
0
µs
tLHAX
tAVH
L High to Address Transition
5
5
ns
A0-A21
WAIT
D0-D15
K
tKHKH
VALID
ADDRESS
tKHDX
tELKH
tWHKH
tKHWH
tAVKH
WRITE Burst Identified
tKHTV
Hi-Z
VALID
INPUT
Hi-Z
Hi-Z
AI06792b
E
G
W
(W = Low)
tKHEH
tEHEL
tBLKH
tKHBH
LB/UB
tELTV
tDVKH
L
VALID
INPUT
VALID
INPUT
VALID
INPUT
tELEH
tLLKH
tKHLH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com