Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB096AA Datasheet(PDF) 15 Page - STMicroelectronics

Part # M69KB096AA
Description  64 Mbit (4M x16) 1.8V Supply, 80MHz Clock Rate, Burst PSRAM
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AA Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M69KB096AA Datasheet HTML 11Page - STMicroelectronics M69KB096AA Datasheet HTML 12Page - STMicroelectronics M69KB096AA Datasheet HTML 13Page - STMicroelectronics M69KB096AA Datasheet HTML 14Page - STMicroelectronics M69KB096AA Datasheet HTML 15Page - STMicroelectronics M69KB096AA Datasheet HTML 16Page - STMicroelectronics M69KB096AA Datasheet HTML 17Page - STMicroelectronics M69KB096AA Datasheet HTML 18Page - STMicroelectronics M69KB096AA Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
15/48
M69KB096AA
Bus Configuration Register
The Bus Configuration Register (BCR) defines
how the PSRAM interacts with the system memory
bus. Overall, it is identical to its counterpart on
burst mode Flash devices.
At power-up, BCR is initialized to 9D4Fh.
Refer to Table 5. for the description of the Bus
Configuration Register Bits.
Operating Mode Bit (BCR15). The
Operating
Mode bit allows the Synchronous Burst mode or
the Asynchronous mode (default setting) to be se-
lected.
Latency Counter Bits (BCR13-BCR11). The
Latency Counter bits are used to set the number of
clock cycles between the beginning of a Read or
Write operation and the first data becoming avail-
able. For correct operation, the number of clock
cycles can only be equal to 3 or 4 (default settings)
and the Latency Counter bits can only assume the
values shown in Table 5., Bus Configuration Reg-
ister
Definition.
See
also
Table
7., Latency
Counter Configuration, and Figure 12., Example
of Latency Counter Configuration).
WAIT Polarity Bit (BCR10). The WAIT Polarity
bit indicates whether the WAIT output signal is ac-
tive High or Low. As a consequence, it also deter-
mines whether the WAIT signal requires a pull-up
or pull-down resistor to maintain the de-asserted
state.
By default, the WAIT output signal is active High.
WAIT Configuration Bit (BCR8). The
system
memory controller uses the WAIT signal to control
data transfer during Synchronous Burst Read
Read and Write operations.
The WAIT Configuration bit is used to determine
when the transition of the WAIT output signal be-
tween the asserted and the deasserted state oc-
curs with respect to valid data available on the
data bus.
When the Wait Configuration bit is set to ‘0’, data
is valid or invalid on the first Clock rising edge im-
mediately after the WAIT signal transition to the
deasserted or asserted state.
When the Wait Configuration bit is set to ‘1’ (de-
fault settings), the WAIT signal transition occurs
one clock cycle prior to the data bus going valid or
invalid.
See Figure 10., WAIT Configuration Example, and
Figure 11., Example of WAIT Configuration During
Synchronous Burst Operation.
Clock Configuration Bit (BCR6). The
Clock
Configuration bit is used to configure the activ-
eedge of the Clock signal, K, during Synchronous
Burst Read or Write operations. When the Clock
Configuration bit is set to ’1’ (default setting), the
rising edge of the Clock is active. Configuring the
active clock edge to the falling edge (BCR6 set to
‘0’) is not supported.
All of the waveforms shown in this datasheet cor-
respond to a Clock signal active on the rising
edge.
Driver Strength Bit (BCR5). The Driver Strength
bit allows to set the output drive strength to adjust
to different data bus loading. Normal driver
strength (full drive) and reduced driver strength (a
quarter drive) are available.
By default, outputs are configured at ‘half drive”
strength.
Burst Wrap Bit (BCR3). The burst reads can be
confined inside the 4, 8 or 16 Word boundary
(wrap) or allowed to step across the boundary (no
wrap). The Burst Wrap bit is used to select be-
tween ‘wrap’ and ‘no wrap’. If the Burst Wrap bit is
set to ‘1’ (no wrap), the device outputs data se-
quentially regardless of burst boundaries. When
Continuous Burst operation is selected, the inter-
nal address switches to 000000h if the read ad-
dress passes the last address. By default, Burst
wrap is selected.
See also Table 6., Burst Type Definition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com