Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB096AA Datasheet(PDF) 45 Page - STMicroelectronics

Part # M69KB096AA
Description  64 Mbit (4M x16) 1.8V Supply, 80MHz Clock Rate, Burst PSRAM
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AA Datasheet(HTML) 45 Page - STMicroelectronics

Back Button M69KB096AA Datasheet HTML 40Page - STMicroelectronics M69KB096AA Datasheet HTML 41Page - STMicroelectronics M69KB096AA Datasheet HTML 42Page - STMicroelectronics M69KB096AA Datasheet HTML 43Page - STMicroelectronics M69KB096AA Datasheet HTML 44Page - STMicroelectronics M69KB096AA Datasheet HTML 45Page - STMicroelectronics M69KB096AA Datasheet HTML 46Page - STMicroelectronics M69KB096AA Datasheet HTML 47Page - STMicroelectronics M69KB096AA Datasheet HTML 48Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
45/48
M69KB096AA
Table 18. Synchronous Burst Write AC Characteristics
Note: 1. When configured in Synchronous mode (BCR15 = 0), a refresh opportunity must be provided every tELEH. A refresh opportunity is
satisfied by either of the following two conditions: E = VIH during Clock input K rising edge or E = VIH for longer than 15ns.
2. Clock rates lower than 50MHz (clock period higher than 20ns) are allowed as long as tELKH specifications are met.
Figure 34. Power-Up AC Waveforms
Table 19. Power-Up AC Characteristics
Symbol
Alt.
Parameter
M69KB096AA
Unit
80MHz
66MHz
Min
Max
Min
Max
tEHEL
(1)
tCBPH
Chip Enable High between Subsequent Mixed-Mode Read
Operations
55
ns
tELTV
tCEW
Chip Enable Low to WAIT Valid
1
7.5
1
7.5
ns
tKHKH
(2)
tCLK
Clock Period
12.5
20
15
20
ns
tELKH
tCSP
Chip Enable Low to Clock High
4.5
20
5
20
ns
tKHAX
tKHBH
tKHWH
tKHEH
tKHLH
tKHRL
tHD
Hold Time From Active Clock Edge
2
2
ns
tR
tF
tKHKL
Clock Rise Time
Clock Fall Time
1.8
2.0
ns
tKHTV
tKHTL
Clock High to WAIT Valid
9
11
ns
tKHKL
tKP
Clock High to Clock Low
4
5
ns
tAVKH
tBLKH
tWHKH
tWLKH
tCHKH
tRHKH
tSP
Set-up Time to Active Clock Edge
33
ns
tELEH
(1)
tCEM
Maximum Chip Enable Pulse Width
8
8
µs
Symbol
Alt.
Parameter
M69KB096AA
Unit
70ns
85ns
Min
Max
Min
Max
tVCHEL
tPU
Initialization delay
150
150
µs
AI06794
VCC, VCCQ
tVCHEL
1.7V
Device Ready For Normal Operation
Device Initialization
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com