Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB096AA Datasheet(PDF) 32 Page - STMicroelectronics

Part # M69KB096AA
Description  64 Mbit (4M x16) 1.8V Supply, 80MHz Clock Rate, Burst PSRAM
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AA Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M69KB096AA Datasheet HTML 28Page - STMicroelectronics M69KB096AA Datasheet HTML 29Page - STMicroelectronics M69KB096AA Datasheet HTML 30Page - STMicroelectronics M69KB096AA Datasheet HTML 31Page - STMicroelectronics M69KB096AA Datasheet HTML 32Page - STMicroelectronics M69KB096AA Datasheet HTML 33Page - STMicroelectronics M69KB096AA Datasheet HTML 34Page - STMicroelectronics M69KB096AA Datasheet HTML 35Page - STMicroelectronics M69KB096AA Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
M69KB096AA
32/48
Figure 22. Continuous Burst Read Showing an Output Delay for End-of-Row Condition (BCR8=0,1)
Note: 1. Non default BCR Register settings: 3 clock cycle latency; WAIT active Low, WAIT asserted during delay; Burst Wrap bit BCR3 set
to ‘0’ (wrap).
2. Clock rates lower than 50MHz (clock period higher than 20ns) are allowed as long as tELKH specifications are met.
3. WAIT will be asserted for a maximum of 2xLC Cycles (LC being the Latency code set through BCR[13-11]).
4. E must not remain Low longer that tELEH.
tKHQV2
tKHQX2
A0-A21
DQ0-DQ15
K
tKHTV
tKHKH
tKLKH
tF
WAIT
WAIT CONFIGIGURED WITH BCR8 = '1'
WAIT CONFIGIGURED WITH BCR8 = '0'
VALID
OUTPUT
VALID
OUTPUT
VALID
OUTPUT
VALID
OUTPUT
AI06787b
E
G
LB/UB
W
DON'T CARE
DON'T CARE
DON'T CARE
DON'T CARE
tKHTX
L
(3)
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com