Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB096AA Datasheet(PDF) 24 Page - STMicroelectronics

Part # M69KB096AA
Description  64 Mbit (4M x16) 1.8V Supply, 80MHz Clock Rate, Burst PSRAM
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AA Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M69KB096AA Datasheet HTML 20Page - STMicroelectronics M69KB096AA Datasheet HTML 21Page - STMicroelectronics M69KB096AA Datasheet HTML 22Page - STMicroelectronics M69KB096AA Datasheet HTML 23Page - STMicroelectronics M69KB096AA Datasheet HTML 24Page - STMicroelectronics M69KB096AA Datasheet HTML 25Page - STMicroelectronics M69KB096AA Datasheet HTML 26Page - STMicroelectronics M69KB096AA Datasheet HTML 27Page - STMicroelectronics M69KB096AA Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
M69KB096AA
24/48
Table 14. PAR and TCSR Specifications and Conditions
Note: 1. In order to achieve low standby current, all inputs must be driven to either VCCQ or VSS. ISB may be slightly higher for up to 500 ms
after power-up or when entering Standby mode.
2. RCR values for 85°C are 100 percent tested. TCR values for 15°C, 45°C and 70°C are sampled only.
Figure 15. Asynchronous Random Read AC Waveforms
Symbol
Parameter
Test
Condition
Refreshed
Memory
Areas
Maximum Operating Temperature(2)
Unit
+15°C
RCR[6-5]=10
+45°C
RCR[6-5]=01
+70°C
RCR[6-5]=00
+85°C
RCR[6-5]=11
ISB
(1)
Maximum
Standby Current
in TCSR and
PAR Modes
VIN = VIH or
VIL,
E = VIH
Full
70
85
105
120
µA
1/2
65
80
100
115
1/4
60
75
95
110
1/8
57
70
90
105
050
55
60
70
AI06780b
A0-A21
WAIT
VALID ADDRESS
tEHEL
tEHQZ
tBLQV
Hi-Z
Hi-Z
tAVAX
tELQV
tGHQX
tBHQZ
tGHQZ
tGLQV
tELTV
VALID
OUTPUT
Hi-Z
tELQX
tGLQX
E
LB/UB
G
W
DQ0-DQ15
tAVQV
Hi-Z
tBLQX
L
tEHTZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com