Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB096AA Datasheet(PDF) 46 Page - STMicroelectronics

Part # M69KB096AA
Description  64 Mbit (4M x16) 1.8V Supply, 80MHz Clock Rate, Burst PSRAM
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AA Datasheet(HTML) 46 Page - STMicroelectronics

Back Button M69KB096AA Datasheet HTML 40Page - STMicroelectronics M69KB096AA Datasheet HTML 41Page - STMicroelectronics M69KB096AA Datasheet HTML 42Page - STMicroelectronics M69KB096AA Datasheet HTML 43Page - STMicroelectronics M69KB096AA Datasheet HTML 44Page - STMicroelectronics M69KB096AA Datasheet HTML 45Page - STMicroelectronics M69KB096AA Datasheet HTML 46Page - STMicroelectronics M69KB096AA Datasheet HTML 47Page - STMicroelectronics M69KB096AA Datasheet HTML 48Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
M69KB096AA
46/48
PART NUMBERING
Table 20. Ordering Information Scheme
The notation used for the device number is as shown in Table 20.. Not all combinations are necessarily
available. For a list of available options (speed, package, etc.) or for further information on any aspect of
this device, please contact your nearest STMicroelectronics Sales Office.
Example:
M69KB096 A
A
70
C
W
8
Device Type
M69 = PSRAM
Mode
K =Tested Die
Operating Voltage
B = VCC = 1.7 to 1.95V, Burst, Address/Data Bus Standard x16
Array Organization
096 = 64 Mbit (4Mb x16)
Option
A = 1 Chip Enable
Die Revision
A = Revision A
Speed Class
70 = 70ns
85 = 85ns
Maximum Clock Frequency
A= 66 MHz Max Clock Frequency in Burst Read Mode
C= 80MHz Max Clock Frequency in Burst Read Mode
Package
W = Unsawn Wafer
Operating Temperature
8 = –30 to 85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com