Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB096AA Datasheet(PDF) 19 Page - STMicroelectronics

Part # M69KB096AA
Description  64 Mbit (4M x16) 1.8V Supply, 80MHz Clock Rate, Burst PSRAM
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AA Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M69KB096AA Datasheet HTML 15Page - STMicroelectronics M69KB096AA Datasheet HTML 16Page - STMicroelectronics M69KB096AA Datasheet HTML 17Page - STMicroelectronics M69KB096AA Datasheet HTML 18Page - STMicroelectronics M69KB096AA Datasheet HTML 19Page - STMicroelectronics M69KB096AA Datasheet HTML 20Page - STMicroelectronics M69KB096AA Datasheet HTML 21Page - STMicroelectronics M69KB096AA Datasheet HTML 22Page - STMicroelectronics M69KB096AA Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
19/48
M69KB096AA
Refresh Configuration Register
The Refresh Configuration Register (RCR) is used
for two purposes:
to define how the self refresh of the PSRAM
array is performed
to enable Page Read operations.
Altering the self refresh parameters can dramati-
cally reduce current consumption in Standby
mode.
At power-up, RCR is initialized to 0070h.
Refer to Table 9. for the description of the Refresh
Configuration Register Bits.
Page Mode Operation Bit (RCR7). The
Page
Mode operation bit determines whether the Asyn-
chronous Page Read mode is enabled. At power-
up, the RCR7 bit is set to ‘0’, and so the Asynchro-
nous Page Read mode is disabled.
Temperature
Compensated
Refresh
Bits
(RCR6-RCR5). The Temperature Compensated
Refresh bits allow an adequate refresh rate to be
selected at one of four different temperature
thresholds: +15°C, +45°C, +70°C, and +85°C. The
default setting is +85°C. See the Temperature
Compensated Refresh section for more details.
Deep Power-Down Bit (RCR4). The Deep Pow-
er-Down bit enables or disables all refresh-related
operations. The Deep Power-Down mode is en-
abled when the RCR4 bit is set to ‘0’, and remains
enabled until this bit is set to ‘1’. At power-up, the
Deep Power-Down mode is disabled.
See the Deep Power-Down section for more de-
tails.
Partial Array Refresh Bits (RCR2-RCR0). The
Partial Array Refresh bits allow refresh operations
to be restricted to a portion of the total PSRAM ar-
ray. The refresh options can be full array, one
eighth, one quarter, one half, or none of the array.
These memory areas can be located either at the
top or bottom of the memory array. By default, the
full memory array is refreshed (see Table
8., Address Patterns for Partial Array Refresh).
Table 8. Address Patterns for Partial Array Refresh
Note: RCR4 is set to ‘1’.
RCR2
RCR1
RCR0
Refreshed Area
Address Space
Size of
Refreshe
d Area
Density
0
0
0
Full Array (Default)
000000h-3FFFFFh
4 Mbitsx16 64 Mbits
0
0
1
Bottom Half of the Array
000000h-1FFFFFh
2 Mbitsx16 32 Mbits
0
1
0
Bottom First Quarter of the Array
000000h-0FFFFFh
1 Mbitsx16 16 Mbits
0
1
1
Bottom First Eighth of the Array
000000h-07FFFFh
512Kbitsx
16
8 Mbits
1
0
0
None of the Array
0
0
0
1
0
1
Top Half of the Array
200000h-3FFFFFh
2 Mbitsx16 32 Mbits
1
1
0
Top Quarter of the Array
300000h-3FFFFFh
1 Mbitsx16 16 Mbits
1
1
1
Top One-Eighth of the Array
380000h-3FFFFFh
512Kbitsx
16
8 Mbits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com