Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9131 Datasheet(PDF) 5 Page - Dialog Semiconductor

Part # DA9131
Description  High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9131 Datasheet(HTML) 5 Page - Dialog Semiconductor

  DA9131 Datasheet HTML 1Page - Dialog Semiconductor DA9131 Datasheet HTML 2Page - Dialog Semiconductor DA9131 Datasheet HTML 3Page - Dialog Semiconductor DA9131 Datasheet HTML 4Page - Dialog Semiconductor DA9131 Datasheet HTML 5Page - Dialog Semiconductor DA9131 Datasheet HTML 6Page - Dialog Semiconductor DA9131 Datasheet HTML 7Page - Dialog Semiconductor DA9131 Datasheet HTML 8Page - Dialog Semiconductor DA9131 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
DA9131
High-Performance, Dual-Channel DC-DC Converter for
Mobile and Portable Applications
Datasheet
Revision 2.0
11-Aug-2021
CFR0011-120-00
5 of 56
© 2021 Dialog Semiconductor
6
Package Information ................................................................................................................... 52
6.1
Package Outlines ................................................................................................................ 52
6.2
Package Marking ................................................................................................................ 53
6.3
Moisture Sensitivity Level.................................................................................................... 53
6.4
Soldering Information .......................................................................................................... 53
7
Ordering Information .................................................................................................................. 54
8
Application Information .............................................................................................................. 55
8.1
Capacitor Selection ............................................................................................................. 55
8.2
Inductor Selection ............................................................................................................... 55
Table of Figures
Figure 1: Simplified Schematic Diagram ............................................................................................... 3
Figure 2: Typical Application Diagram (Port Control) ............................................................................ 3
Figure 3: Typical Application Diagram (I2C Control).............................................................................. 3
Figure 4: DA9131 Pinout Diagram (Bottom View)................................................................................. 8
Figure 5: Power Derating Curve .......................................................................................................... 11
Figure 6: DA9131 Efficiency at VOUT = 0.8 V, PWM Mode .................................................................. 17
Figure 7: DA9131 Efficiency at VOUT = 0.8 V, Auto Mode ................................................................... 17
Figure 8: Buck Output Voltage Control Concept ................................................................................. 19
Figure 9: Resistive Divider................................................................................................................... 20
Figure 10: Thermal Protection Operation ............................................................................................ 21
Figure 11: Interrupt Operation Example .............................................................................................. 24
Figure 12: Interrupt Operation Example 2 ........................................................................................... 25
Figure 13: Interrupt Operation Example 3 ........................................................................................... 25
Figure 14: Interrupt Operation Example 4 ........................................................................................... 25
Figure 15: Power-Good (PG) and System Good (SG) ........................................................................ 27
Figure 16: I2C START and STOP Condition Timing............................................................................ 30
Figure 17: I2C Byte Write (SDA Line) .................................................................................................. 30
Figure 18: I2C Byte Read (SDA Line) Examples ................................................................................. 30
Figure 19: Package Outline Drawing................................................................................................... 52
Table of Tables
Table 1: Pin Description ........................................................................................................................ 8
Table 2: Pin Type Definition .................................................................................................................. 9
Table 3: Absolute Maximum Ratings................................................................................................... 10
Table 4: Recommended Operating Conditions ................................................................................... 10
Table 5: Package Ratings ................................................................................................................... 11
Table 6: Power Dissipation.................................................................................................................. 11
Table 7: ESD Characteristics .............................................................................................................. 11
Table 8: Buck Electrical Characteristics .............................................................................................. 12
Table 9: Electrical Characteristics ....................................................................................................... 14
Table 10: Digital I/O Electrical Characteristics .................................................................................... 15
Table 11: I2C Electrical Characteristics .............................................................................................. 16
Table 12: Thermal Protection Control Registers ................................................................................. 21
Table 13: Interrupt List......................................................................................................................... 22
Table 14: Interrupt Registers Except for Power-Good Status ............................................................. 23
Table 15: Interrupt Registers for Power-Good, System Good, and Temp Warning Status ................ 23
Table 16: GPIO Pin Assignment ......................................................................................................... 26
Table 17: GPIO Function Configuration .............................................................................................. 26
Table 18: GPIO0-Configurable Registers when CONF_EN = 1 ......................................................... 28
Table 19: Register Map ....................................................................................................................... 31
Table 20: SYS_STATUS_0 (0x0001) .................................................................................................. 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com