Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9131 Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # DA9131
Description  High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9131 Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button DA9131 Datasheet HTML 9Page - Dialog Semiconductor DA9131 Datasheet HTML 10Page - Dialog Semiconductor DA9131 Datasheet HTML 11Page - Dialog Semiconductor DA9131 Datasheet HTML 12Page - Dialog Semiconductor DA9131 Datasheet HTML 13Page - Dialog Semiconductor DA9131 Datasheet HTML 14Page - Dialog Semiconductor DA9131 Datasheet HTML 15Page - Dialog Semiconductor DA9131 Datasheet HTML 16Page - Dialog Semiconductor DA9131 Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
DA9131
High-Performance, Dual-Channel DC-DC Converter for
Mobile and Portable Applications
Datasheet
Revision 2.0
11-Aug-2021
CFR0011-120-00
13 of 56
© 2021 Dialog Semiconductor
Parameter
Description
Conditions
Min
Typ
Max
Unit
fSW
Switching frequency
4
MHz
tON_MIN
Minimum turn-on pulse
0 % duty is also supported
5
7
11
ns
tBUCK_EN
Turn-on time
CHx_EN = high
20
μs
RPD
Output pull-down resistance
at the LX node, see
CHx_PD_DIS
VIN = 3.7 V
VOUT = 0.5 V
145
150
161
Ω
RON_PMOS
On resistance of switching
PMOS
VIN = 3.7 V
17
25
37
mΩ
RON_NMOS
On resistance of switching
NMOS
VIN = 3.7 V
6
10
16
mΩ
PWM Mode
IQ_PWM
Quiescent current
VIN = 3.7 V
No load
16
mA
ηPWM
Efficiency
VIN = 3.6 V
VOUT = 1 V
IOUT = 10 % (IMAX) to 80 %
(IMAX)
85
%
AUTO Mode
VOUT_TR_LD
Load transient response
VOUT = 1 V
IOUT = 0 to 5 A at 25 °C
ambient
dl/dt = 10
A/μs
-40
80
mV
PFM Mode
IQ_PFM
Quiescent current in PFM
1-phase
VIN = 3.7 V
No load
No switching
88
μA
ηPFM
Efficiency
VIN = 3.6 V
VOUT = 1 V
IOUT = 10 mA
80
%
Note 1
tON > 40 ns
Note 2
For short durations to meet peak current requirements, IOUT can be operated at up to 10 % higher than
the specified maximum operating condition. The part should not be operated in this mode for extended
periods and is not guaranteed for continuous operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com