Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9131 Datasheet(PDF) 37 Page - Dialog Semiconductor

Part # DA9131
Description  High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9131 Datasheet(HTML) 37 Page - Dialog Semiconductor

Back Button DA9131 Datasheet HTML 33Page - Dialog Semiconductor DA9131 Datasheet HTML 34Page - Dialog Semiconductor DA9131 Datasheet HTML 35Page - Dialog Semiconductor DA9131 Datasheet HTML 36Page - Dialog Semiconductor DA9131 Datasheet HTML 37Page - Dialog Semiconductor DA9131 Datasheet HTML 38Page - Dialog Semiconductor DA9131 Datasheet HTML 39Page - Dialog Semiconductor DA9131 Datasheet HTML 40Page - Dialog Semiconductor DA9131 Datasheet HTML 41Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
DA9131
High-Performance, Dual-Channel DC-DC Converter for
Mobile and Portable Applications
Datasheet
Revision 2.0
11-Aug-2021
CFR0011-120-00
37 of 56
© 2021 Dialog Semiconductor
0x2
1.0 ms
0x3
1.5 ms
0x4
2.0 ms
0x5
2.5 ms
0x6
3.0 ms
0x7
3.5 ms
0x8
4.0 ms
0x9
4.5 ms
0xA
5.0 ms
0xB
5.5 ms
0xC
6.0 ms
0xD
6.5 ms
0xE
7.0 ms
0xF
7.5 ms
Table 32: SYS_CONFIG_2 (0x000D)
Bit
Symbol
Description
[6:5]
OC_LATCHOFF
Over-current latch-off setting. BUCK shut-down after OCP for 8 µs/1 ms/3 ms
unless disable setting. IRQ is generated unless IRQ is masked.
Value
Description
0x0
Latch off disable
0x1
Latch off after 8 µs of OCP signal
0x2
Latch off after 1 ms of OCP signal
0x3
Latch off after 3 ms of OCP signal
[4]
OC_DVC_MASK
Over-current event (IRQ and latch-off feature) mask during DVC ramp-up and
ramp-down for both CH1 and CH2
[3:2]
PG_DVC_MASK
Power-good mask during DVC for both CH1 and CH2
Value
Description
0x0
No mask
0x1
Mask as not power-good during DVC
0x2
Mask as power-good during DVC
0x3
Reserved
Table 33: SYS_CONFIG_3 (0x000E)
Bit
Symbol
Description
[6:4]
OSC_TUNE
Tune oscillator frequency, tuned frequency = Current + OSC_TUNE *
160 kHz
Value
Description
0x3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com