Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9131 Datasheet(PDF) 35 Page - Dialog Semiconductor

Part # DA9131
Description  High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9131 Datasheet(HTML) 35 Page - Dialog Semiconductor

Back Button DA9131 Datasheet HTML 31Page - Dialog Semiconductor DA9131 Datasheet HTML 32Page - Dialog Semiconductor DA9131 Datasheet HTML 33Page - Dialog Semiconductor DA9131 Datasheet HTML 34Page - Dialog Semiconductor DA9131 Datasheet HTML 35Page - Dialog Semiconductor DA9131 Datasheet HTML 36Page - Dialog Semiconductor DA9131 Datasheet HTML 37Page - Dialog Semiconductor DA9131 Datasheet HTML 38Page - Dialog Semiconductor DA9131 Datasheet HTML 39Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
DA9131
High-Performance, Dual-Channel DC-DC Converter for
Mobile and Portable Applications
Datasheet
Revision 2.0
11-Aug-2021
CFR0011-120-00
35 of 56
© 2021 Dialog Semiconductor
Table 29: SYS_MASK_3 (0x000A)
Bit
Symbol
Description
[3]
M_VR_HOT
Temp warning status IRQ mask. Initial value is determined by CONF pin
setting at the start-up if CONF_EN = 1, see Section 4.2.3.3
[2]
M_SG_STAT
SG status IRQ mask. Initial value is determined by CONF pin setting at the
start-up if CONF_EN = 1, see Section 4.2.3.3
[1]
M_PG2_STAT
PG2 status IRQ mask. Initial value is determined by CONF pin setting at the
start-up if CONF_EN = 1, see Section 4.2.3.3
[0]
M_PG1_STAT
PG1 status IRQ mask. Initial value is determined by CONF pin setting at the
start-up if CONF_EN = 1, see Section 4.2.3.3
Table 30: SYS_CONFIG_0 (0x000B)
Bit
Symbol
Description
[7:4]
CH1_DIS_DLY
Delay for CH1 disable. Active with GPIO configured as EN1&EN2 control and
IC_EN control. Initial value is determined by CONF pin setting at the start-up
in CONF_EN = 1
Value
Description
0x0
0
0x1
1.0 ms
0x2
2.0 ms
0x3
3.0 ms
0x4
4.0 ms
0x5
5.0 ms
0x6
6.0 ms
0x7
7.0 ms
0x8
8.0 ms
0x9
9.0 ms
0xA
10.0 ms
0xB
11.0 ms
0xC
12.0 ms
0xD
13.0 ms
0xE
14.0 ms
0xF
15.0 ms
[3:0]
CH1_EN_DLY
Delay for CH1 enable. Active with GPIO configured as EN1&EN2 control and
IC_EN control. Initial value is determined by CONF pin setting at the start-up
in CONF_EN = 1
Value
Description
0x0
0
0x1
0.5 ms
0x2
1.0 ms
0x3
1.5 ms
0x4
2.0 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com