Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9131 Datasheet(PDF) 20 Page - Dialog Semiconductor

Part # DA9131
Description  High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9131 Datasheet(HTML) 20 Page - Dialog Semiconductor

Back Button DA9131 Datasheet HTML 16Page - Dialog Semiconductor DA9131 Datasheet HTML 17Page - Dialog Semiconductor DA9131 Datasheet HTML 18Page - Dialog Semiconductor DA9131 Datasheet HTML 19Page - Dialog Semiconductor DA9131 Datasheet HTML 20Page - Dialog Semiconductor DA9131 Datasheet HTML 21Page - Dialog Semiconductor DA9131 Datasheet HTML 22Page - Dialog Semiconductor DA9131 Datasheet HTML 23Page - Dialog Semiconductor DA9131 Datasheet HTML 24Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
DA9131
High-Performance, Dual-Channel DC-DC Converter for
Mobile and Portable Applications
Datasheet
Revision 2.0
11-Aug-2021
CFR0011-120-00
20 of 56
© 2021 Dialog Semiconductor
4.1.6
Resistive Divider
DA9131 can support output voltages higher than 1.9 V using an external resistive divider shown in
Figure 9.
To calculate the output voltage with an external divider, use the following equation
���������������� = ���������������� × (1 +
����1
����2
)
Equation 1
VSEL is the device buck output voltage setting.
Figure 9: Resistive Divider
For example, to program the output voltage to 3.3 V, set VSEL to 1.65 V, and use a 2.2 kΩ resistor
for both R1 and R2, with Cff = 1 nF.
NOTE
The resistors need to be properly selected since the output voltage accuracy will be directly affected by any
errors on the resistors. The voltage across FB1P and FB1N (VSEL) is guaranteed, but not the output voltage
accuracy.
CAUTION
The followings are important notes that need to be considered before using resistive divider on DA9131:
1. Please contact your region's Dialog representative when adopting the resistive divider technique. Dialog
need to prepare a special OTP because incorrect OTP settings may result in a different output voltage
than expected.
2.
The total resistance (R1+R2) is less than 40 kΩ.
3. It is recommended that the device is operated in PWM mode only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com