Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9131 Datasheet(PDF) 3 Page - Dialog Semiconductor

Part # DA9131
Description  High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9131 Datasheet(HTML) 3 Page - Dialog Semiconductor

  DA9131 Datasheet HTML 1Page - Dialog Semiconductor DA9131 Datasheet HTML 2Page - Dialog Semiconductor DA9131 Datasheet HTML 3Page - Dialog Semiconductor DA9131 Datasheet HTML 4Page - Dialog Semiconductor DA9131 Datasheet HTML 5Page - Dialog Semiconductor DA9131 Datasheet HTML 6Page - Dialog Semiconductor DA9131 Datasheet HTML 7Page - Dialog Semiconductor DA9131 Datasheet HTML 8Page - Dialog Semiconductor DA9131 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
DA9131
High-Performance, Dual-Channel DC-DC Converter for
Mobile and Portable Applications
Datasheet
Revision 2.0
11-Aug-2021
CFR0011-120-00
3 of 56
© 2021 Dialog Semiconductor
System Diagrams
DA9131
Buck1
Digital Core
OTP Memory
Register Map
IC_EN
CONF/GPIO0
GPIO1
GPIO2
SCL/GPIO3
SDA/GPIO4
FB1P
2x 10 µF
Buck2
220 nH
PG ND
FB1N
FB2P
2x 10 µF
220 nH
PG ND
FB2N
AG ND
VOUT1 = 0. 3 V to 1.9 V
VOUT2 = 0. 3 V to 1.9 V
1 µF
2x 10 µF
VDD = 2.8 V to 5.5 V
Bias Supervision
Oscillator
I
2C
GPIO
PVDD1
Figure 1: Simplified Schematic Diagram
CPU_LP
DA9131
SoC
CPU
GPU_LP
CONF
GPU_EN
GPIO
GPU
AGND
PVDD
AVDD
DA9131
AGND
PVDD
AVDD
DDR
1.8 V
1.1 V
PG (DVS ready)
IC_EN
IC_EN
CONF
IO_LP
DDR_LP
Figure 2: Typical Application Diagram (Port Control)
I2C CLK
Faults
PG (ENx/DVS ready)
I2C DATA
CONF
DA9131
SoC
I
2C
CPU
IC_EN
GPIO
GPU
AGND
PVDD
AVDD
CONF
DA9131
IC_EN
AGND
PVDD
AVDD
DDR
1.8 V
1.1 V
Figure 3: Typical Application Diagram (I2C Control)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com